Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPC-8090 Datasheet(PDF) 2 Page - Protech Systems Co., Ltd.

Part # BPC-8090
Description  High Performance Core2 Duo Book Size PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

BPC-8090 Datasheet(HTML) 2 Page - Protech Systems Co., Ltd.

  BPC-8090 Datasheet HTML 1Page - Protech Systems Co., Ltd. BPC-8090 Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1 x Parallel port (SPP/EPP/ECP)
2 x PS/2 port
2 x onboard RJ-45, 10/100/1000 Mbps (Intel 82573)
2 x PCI-E
0 ~40 C
-40 ~ 60 C
20% - 90%
1 x Parallel port (SPP/EPP/ECP)
2 x PS/2 port
2 x onboard RJ-45, 10/100/1000 Mbps (Intel 82573)
2 x PCI-E
0 ~40 C
-40 ~ 60 C
20% - 90%
BPC-8090 HighPerformanceCore2DuoBookSizePC
w w w . p r o t e c h . c o m . t w
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in Jan.2008
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice
Specification
System
CPU Support
Chipset
Memory Support
Power Supply
System Weight
Dimension (WxHxD)
Certificate
I/O Ports
Drive Bays
Audio
USB
VGA
Serial Ports
Specification
System
WxHxD
I/O Ports
Drive Bays
Audio
USB
VGA
Serial Ports
Intel Core 2 Duo up to 2.0GHz
Intel 945GM + ICH7R
2 pcs x DDR-2 DIMM socket (up to 2GB)
ATX 180W
5 kg (11lb)
300 x 94 x 270 mm (11.8" x 3.7" x 10.6")
CE, FCC, UL, cUL
Intel Core 2 Duo up to 2.0GHz
Intel 945GM + ICH7R
2 pcs x DDR-2 DIMM socket (up to 2GB)
ATX 180W
5 kg (11lb)
300 x 94 x 270 mm (11.8" x 3.7" x 10.6")
CE, FCC, UL, cUL
1 x 2.5" SATA HDD or 2 x 2.5" SATA HDD or 1 x 2.5"
IDE HDD or 1 x 3.5" IDE HDD
1 x slim CD/DVD-ROM (optional), 1 x slim FDD
(optional)
Default standard is SATA HDD
Line-out (Realtek ALC655 AC '97 Code)
6 x USB2.0 (2 x USB2.0 with bracket (optional))
1 x VGA, 1 x DVI
4 x COM ports, COM 2 for RS232/422/485
1 x 2.5" SATA HDD or 2 x 2.5" SATA HDD or 1 x 2.5"
IDE HDD or 1 x 3.5" IDE HDD
1 x slim CD/DVD-ROM (optional), 1 x slim FDD
(optional)
Default standard is SATA HDD
Line-out (Realtek ALC655 AC '97 Code)
6 x USB2.0 (2 x USB2.0 with bracket (optional))
1 x VGA, 1 x DVI
4 x COM ports, COM 2 for RS232/422/485
Parallel Port
Keyboard/Mouse
LAN
Expansion Slot
Environment
Operating Temp.
Storage Tmp.
Humidity
Ordering Information
BPC-8090-AW
BPC-8090-BW
BPC-8090-SW
BPC-8090-AB
BPC-8090-BB
BPC-8090-SB
Parallel Port
Keyboard/Mouse
LAN
Expansion Slot
Environment
Ordering Information
BPC-8090-AW
BPC-8090-BW
BPC-8090-SW
BPC-8090-AB
BPC-8090-BB
BPC-8090-SB
* CPU, DDR SDRAM and FDD/HDD/CD-ROM are available as optional items.
Book size PC (white color) with Core 2 Due MB,
CD-ROM front bezel
Book size PC (white color) with Core 2 Due MB,
with CD-ROM / FDD front bezel
Book size PC (white color) with Core 2 Due MB,
without CD-ROM / FDD front bezel
Book size PC (black color) with Core 2 Due MB,
CD-ROM front bezel
Book size PC (black color) with Core 2 Due MB,
with CD-ROM / FDD front bezel
Book size PC (black color) with Core 2 Due MB,
without CD-ROM / FDD front bezel
Front View
Side View
Rear View



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com