Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPC-8931 Datasheet(PDF) 2 Page - Protech Systems Co., Ltd.

Part # BPC-8931
Description  Low Power and High Performance POS PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

BPC-8931 Datasheet(HTML) 2 Page - Protech Systems Co., Ltd.

  BPC-8931 Datasheet HTML 1Page - Protech Systems Co., Ltd. BPC-8931 Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Low Power and High Performance POS PC
Rear View
BPC-8931
BPC-8931
www .protech .com .tw
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in JAN. 2007
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in JAN. 2007
Front View
With CD-ROM & HDD Drive Bay
0 ~40 C
-20 ~60 C
20%-90%
POS PC with VIA C7 1.3GHz CPU /
3.5" HDD bracket
POS PC with VIA C7 1.3GHz CPU /
2.5" HDD / CD-ROM bracket
POS PC with VIA C7 1.3GHz CPU /
2 x 2.5" HDD bracket
LCD customer display, black color
0 ~40 C
-20 ~60 C
20%-90%
POS PC with VIA C7 1.3GHz CPU /
3.5" HDD bracket
POS PC with VIA C7 1.3GHz CPU /
2.5" HDD / CD-ROM bracket
POS PC with VIA C7 1.3GHz CPU /
2 x 2.5" HDD bracket
LCD customer display, black color
Environment
Operating Temp.
Storage Tmp.
Humidity
Ordering Information
BPC-8931-C7
BPC-8931-C7-S
BPC-8931-C7-S1
BPC-8931-DPK
Environment
Ordering Information
BPC-8931-C7
BPC-8931-C7-S
BPC-8931-C7-S1
BPC-8931-DPK
Specification
System
CPU Type
Chipset
Memory Support
Power Supply
System Weight
Dimension (WxHxD)
Certificate
I/O Ports
Drive Bays
USB
Serial Ports
Paralle
Keyboard/Mouse
VGA
Specification
System
WxHxD
I/O Ports
Drive Bays
USB
Serial Ports
Paralle
Keyboard/Mouse
VGA
VIA C7 1.0GHz (9W) ~ 2.0GHz (20W)
North Bridge CN700, South bridge VT8237R+
DDR2 400/533 Up to 2GB, 1 pcs memory Socket
AC 100V~240V, 50~60Hz input,
ATX 110W output (Built-in)
3.3KG (7.26lb)
260 x 62 x 240mm (10.24" x 2.44" x 9.45")
FCC / CE / UL
1 x 2.5" HDD or 2 x 2.5" HDD or
1 x 3.5" HDD (optional)
4 x USB 2.0 Type-A Connector
( 2 USB 2.0 is optional with bracket )
4 x COM ( com3 & com4 are optional with the
expansion slot bracket ), 1 x Cash Drawer port ( RJ11 )
1x Paraller (DB25)
1 x PS/2 ports
1 x VGA (DB15), 1 x DVI
VIA C7 1.0GHz (9W) ~ 2.0GHz (20W)
North Bridge CN700, South bridge VT8237R+
DDR2 400/533 Up to 2GB, 1 pcs memory Socket
AC 100V~240V, 50~60Hz input,
ATX 110W output (Built-in)
3.3KG (7.26lb)
260 x 62 x 240mm (10.24" x 2.44" x 9.45")
FCC / CE / UL
1 x 2.5" HDD or 2 x 2.5" HDD or
1 x 3.5" HDD (optional)
4 x USB 2.0 Type-A Connector
( 2 USB 2.0 is optional with bracket )
4 x COM ( com3 & com4 are optional with the
expansion slot bracket ), 1 x Cash Drawer port ( RJ11 )
1x Paraller (DB25)
1 x PS/2 ports
1 x VGA (DB15), 1 x DVI
PROTECH SYSTEMS
It's the right choice



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com