Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISA-562LF Datasheet(PDF) 2 Page - Protech Systems Co., Ltd.

Part # ISA-562LF
Description  ISA ULV Celeron M CPU Card
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

ISA-562LF Datasheet(HTML) 2 Page - Protech Systems Co., Ltd.

  ISA-562LF Datasheet HTML 1Page - Protech Systems Co., Ltd. ISA-562LF Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Intel
Pentium
M / Celeron
M processor
LV 1.4GHz / ULV 1.0GHz
Intel
855GME + ICH4 (FSB : 400MHz)
1 x 200-pin DDR SO-DIMM,
Support DDR333 SDRAM up to 1GB
Phoenix-Award PnP BIOS, with VGA BIOS
1~255 secs Watchdog timer selectable
w / Reset / NMI
Support AT / ATX power
+5V, +12V
185mm x 122mm (7.28" x 4.8")
ISA-562LF
ISA-562LF
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in May. 2006.
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in May. 2006.
Specifications
System
CPU Type
CPU Frequency
Chipset
DRAM
BIOS
Watchdog
Power Supply
Power Requirement
Dimension
I/O Chipset
IDE Interface
CF
FDD Interface
Bus Interface
Serial Port
Parallel Port
IrDA
System
CPU Type
CPU Frequency
Chipset
DRAM
BIOS
Watchdog
Power Supply
Power Requirement
Dimension
I/O Chipset
IDE Interface
CF
FDD Interface
Bus Interface
Serial Port
Parallel Port
IrDA
Mini DIN connector or external connector
Mini DIN connector (selectable w / KB) or Y-cable
lntel
82562ET (10/100Mbps)
Support Wake-on-LAN with ATX power
AC '97 Codec, Realtek ALC202A with Line-in /
Line-out / MIC
2 x USB 2.0
0°~60°C(32°~140°F)
-40°~85°C(-40°~185°F)
Operation humidity 20~90%,
Storage humidity 20~95%
Built-in Intel
855GME, share system memory,
Support CRT, LVDS
18/36-bit LVDS
ISA CPU card w P-M LV 1.4GHz / VGA / Audio /
LAN (RoHS version)
ISA CPU card w C-M ULV 1.0GHz / VGA / Audio /
LAN (RoHS version)
Keyboard
Mouse
LAN
Audio
USB
Display
Graphic
LCD Interface
Environment
OperationTemp.
Storage Tmp.
Humidity
Ordering Information
ISA-562LF
ISA-562LF-C10
Certificate: CE, FCC, CLASS A
Keyboard
Mouse
LAN
Audio
USB
Display
Graphic
LCD Interface
Environment
OperationTemp.
Storage Tmp.
Humidity
Ordering Information
ISA-562LF
ISA-562LF-C10
Certificate: CE, FCC, CLASS A
1 x 40-pin IDE (UDMA 33/66/100)
1 x compact flash slot (IDE)
1
PC104
2 x COM ports, COM1 for RS232,
COM2 for RS232/422/485
(for 16550 compatible type of UART)
1 x parallel (SPP / EPP / ECP)
1 (SIR)
ISA ULV Celeron M CPU Card w / VGA / Audio / LAN
R
PC104
A1
B1
C20
D20
A32
B32
C1
D1
2
JP18
4
Battery
2
JP16
1
1
EXKB1
1
JP2
6
5
10
1
COM2
JUSB1
9
10
JP13
1
Intel
Celeron-M
Intel
852GM
PW1
5
10
6
1
JIRDA1
1
LVDS1
2
1
30
29
1
J3
5
JP7
1
J6
1
JCFAN1
1
3
JP14
1
I/O
ICH4
40
39
2
1
IDE1
JCDIN1
1
1
20
19
JPANEL1
FDD1
LAN
J4
LAN1
BUZ
6
2
DIN1
VGA1
COM1
R
R
R
R
R
R



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com