Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB-562LF Datasheet(PDF) 2 Page - Protech Systems Co., Ltd.

Part # LB-562LF
Description  Embedded Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

LB-562LF Datasheet(HTML) 2 Page - Protech Systems Co., Ltd.

  LB-562LF Datasheet HTML 1Page - Protech Systems Co., Ltd. LB-562LF Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Pentium-M
Celeron-M
LB-562LF LVPentium M EmbeddedBoardw/VGA/Audio/LAN
Intel
Pentium
M / Celeron
M processor
LV 1.4GHz / ULV 1.0GHz
Intel
855GME + ICH4 (FSB : 400MHz)
2 x 184-pin DDR DIMM, support DDR333
SDRAM up to 2GB
Phoenix-Award PnP BIOS, with VGA BIOS
1~255 secs Watchdog timer selectable w / Reset / NMI
Supports AT / ATX power
+5V, +12V, -12V
203mm x 146mm (7.99" x 5.75")
Specifications
R
R
R
LAN
Audio
Display
Graphic
LCD Interface
Environment
OperationTemp.
Storage Tmp.
Humidity
Ordering Information
LB-562LF
LB-562LF-C10
Certificate: CE, FCC CLASS A
LAN
Audio
Display
Graphic
LCD Interface
Environment
OperationTemp.
Storage Tmp.
Humidity
Ordering Information
LB-562LF
LB-562LF-C10
Certificate: CE, FCC CLASS A
LAN 1: Intel
82562ET (10/100Mbps)
LAN 2: Intel
82541PI (10/100/1000Mbps)
Support Wake-on-LAN wtih ATX power
AC '97 Codec, Realtek ALC202A with Line-in /
Line-out / MIC
0°~60°C(32°~140°F)
-40°~85°C(-40°~185°F)
Operation humidity 20~90%,
Storage humidity 20~95%
R
1 x 40-pin IDE (UDMA 33/66/100)
1 x 44-pin IDE (UDMA 33/66/100)
1 x compact flash slot (IDE)
1
PC104+, Mini-PCI
4 x COM ports, COM1/3/4 for RS232,
COM2 for RS232/422/485
(for 16550 compatible type of UART)
1 x parallel (SPP / EPP / ECP)
1 (SIR)
4-pin header with mini DIN cable
4-pin header with mini DIN cable
4 x USB 2.0
Built-in Intel
855GME, share system memory,
Supports CRT, LVDS
18/36-bit LVDS
5.25" SBC w P-M LV 1.4GHz / VGA / Audio / LAN x 2
(10/100Mbps & 10/100/1000Mbps) (RoHS version)
5.25" SBC w C-M ULV 1.0GHz / VGA / Audio / LAN
(RoHS version)
R
R
System
CPU Type
CPU Frequency
Chipset
DRAM
BIOS
Watchdog
Power Supply
Power Requirement
Dimension
I/O Chipset
IDE Interface
CF
FDD Interface
Bus Interface
Serial Port
Parallel Port
IrDA
Keyboard
Mouse
USB
System
CPU Type
CPU Frequency
Chipset
DRAM
BIOS
Watchdog
Power Supply
Power Requirement
Dimension
I/O Chipset
IDE Interface
CF
FDD Interface
Bus Interface
Serial Port
Parallel Port
IrDA
Keyboard
Mouse
USB
R
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in May. 2006.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com