Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSB-511LF Datasheet(PDF) 2 Page - Protech Systems Co., Ltd.

Part # PSB-511LF
Description  Socket 478 Pentium M CPU Card
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

PSB-511LF Datasheet(HTML) 2 Page - Protech Systems Co., Ltd.

  PSB-511LF Datasheet HTML 1Page - Protech Systems Co., Ltd. PSB-511LF Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Intel Pentium M / Celeron M processor
1.3~2.06GHz
Intel 915GME + ICH6M (FSB : 400/533MHz)
2 x 200-pin DDR SO-DIMM,
Support DDR2 533 SDRAM up to 2GB
Phoenix-Award PnP BIOS, with VGA BIOS
1~255 secs Watchdog timer selectable
w / Reset / NMI
Support AT / ATX power
+5V, +12V
+5V : 3.69A / +12V : 2.37A (Pentium M 1.8GHz)
338.5mm x 122mm (13.33" x 4.8")
Socket 478 Pentium M CPU Card w / VGA / Audio / 2LAN
PSB-511LF
PSB-511LF
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in July 2008.
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in July 2008.
Specifications
R
R
R
R
System
CPU Type
CPU Frequency
Chipset
DRAM
BIOS
Watchdog
Power Supply
Power Requirement
Power Consumption
Dimension
I/O Chipset
IDE Interface
S-ATA Interface
CF
FDD Interface
Bus Interface
Serial Port
IrDA
System
CPU Type
CPU Frequency
Chipset
DRAM
BIOS
Watchdog
Power Supply
Power Requirement
Power Consumption
Dimension
I/O Chipset
IDE Interface
S-ATA Interface
CF
FDD Interface
Bus Interface
Serial Port
IrDA
R
Mini DIN connector or external connector
Mini DIN connector (selectable w / KB) or Y-cable
LAN 1 : Marvell 8052 (10/100/1000Mbps)
LAN 2 : Marvell 8052 (10/100/1000Mbps)
AC '97 Codec, Realtek ALC202A with Line-in /
Line-out / MIC
8-in / 8-out
6 x USB 2.0
0°~60°C(32°~140°F)
-40°~85°C(-40°~185°F)
Operation humidity 20~90%,
Storage humidity 20~95%
Built-in Intel 915GME, share system memory,
Support CRT, LVDS, DVI
18/36-bit LVDS, DVI
PICMG S478 P-M / Celeron-M CPU Card w VGA /
Audio / LAN x 2 (2 x 10/100/1000Mbps)
R
Keyboard
Mouse
LAN
Audio
DI/O
USB
Display
Graphic
LCD Interface
Environment
OperationTemp.
Storage Tmp.
Humidity
Ordering Information
PSB-511LF
Certificate: CE, FCC, CLASS A
Keyboard
Mouse
LAN
Audio
DI/O
USB
Display
Graphic
LCD Interface
Environment
OperationTemp.
Storage Tmp.
Humidity
Ordering Information
PSB-511LF
Certificate: CE, FCC, CLASS A
1 x 40-pin IDE (UDMA 33/66/100)
2
1 x compact flash slot (IDE)
1
EPCI BUS
2 x COM ports, COM1 for RS232,
COM2 for RS232/422/485
( for 16550 compatible type of UART)
1 (SIR)
R
INTEL
915GME
ICH6
Battery
EPCI1
A30
B30
A1
B1
BUZ
I/O
DIN1
VGA1
1
1
BIOS
ISA1
LPT1
JP6
JP11
JP18
JP9
AUDIO1
COM1
COM2
DIO1
DVI1
FDD1
IDE1
JCDIN2
JP10
JP12
JP23
JP3
JP5
JP8
JP14
JP15
JP16
JP2
JP4
JP22
JP7
RT1
V5SB
JATXPWR1
INV1
SATA1
SATA2
U21
USB1
USB2
USB3
DIM1
DIM2
LAN1
LAN2
JP20
CPU_FAN1
SYS_FAN1
EXKB1
JP19
JP21
JP13
1
2
9
10
1
6
5
10
1
6
5
10
13
26
14
1
34
2
1
33
40
2
39
1
1
1
1
1
1
1
1
2
3
4
1
2
3
4
5
10
1
1
1
1
1
1
20
19
2
1
8
1
1
1
26
13
14
1
1
PS_ON
5VSB
SATA
LAN
LAN



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com