Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC10APW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC10APW
Description  TRIPLE 3-INPUT POSITIVE-NAND GATE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC10APW Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC10APW Datasheet HTML 1Page - Texas Instruments SN74LVC10APW Datasheet HTML 2Page - Texas Instruments SN74LVC10APW Datasheet HTML 3Page - Texas Instruments SN74LVC10APW Datasheet HTML 4Page - Texas Instruments SN74LVC10APW Datasheet HTML 5Page - Texas Instruments SN74LVC10APW Datasheet HTML 6Page - Texas Instruments SN74LVC10APW Datasheet HTML 7Page - Texas Instruments SN74LVC10APW Datasheet HTML 8Page - Texas Instruments SN74LVC10APW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
Operating Characteristics
SN74LVC10A
TRIPLE 3-INPUT POSITIVE-NAND GATE
SCAS284N – JANUARY 1993 – REVISED FEBRUARY 2005
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
TA = 25°C
–40 TO 85
°C
–40 TO 125
°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
1.8 V
± 0.15 V
1
4.2
10.1
1
10.6
1
12.1
2.5 V
± 0.2 V
1
2.9
7.3
1
7.8
1
9.9
tpd
A, B, or C
Y
ns
2.7 V
1
3.1
5.6
1
5.8
1
7.4
3.3 V
± 0.3 V
1
2.7
4.7
1
4.9
1
6
tsk(o)
3.3 V
± 0.3 V
1
1.5
ns
T
A = 25°C
TEST
PARAMETER
VCC
TYP
UNIT
CONDITIONS
1.8 V
9
Cpd
Power dissipation capacitance per gate
f = 10 MHz
2.5 V
10
pF
3.3 V
11
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com