Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB1306 Datasheet(PDF) 2 Page - Superworld Electronics

Part # STB1306
Description  SHIELDED SMD POWER INDUCTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

STB1306 Datasheet(HTML) 2 Page - Superworld Electronics

  STB1306 Datasheet HTML 1Page - Superworld Electronics STB1306 Datasheet HTML 2Page - Superworld Electronics STB1306 Datasheet HTML 3Page - Superworld Electronics STB1306 Datasheet HTML 4Page - Superworld Electronics STB1306 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
5. MATERIALS :
(a) Core : Iron Core
(b) Base : Phenolic
(c) Wire : Enamelled Copper Wire
(d) Adhesive : Epoxy
SUPERWORLD ELECTRONICS (S) PTE LTD
4. GENERAL SPECIFICATION :
b) Resistance to solder heat : 260°C. 10secs
a) Operating temp. : -40°C to +85°C
SHIELDED SMD POWER INDUCTORS
STB1306 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
09.05.2008
(e) Ink : Bon Margue
d
e
a
b
c
6. ELECTRICAL CHARACTERISTICS :
(
)
( µH )
( µH )
( µH )
Frequency
Frequency
( A )
( A )
(
)
( µH )
Part No.
0.25V/100K
0.25V/100K
( Hz )
STB1306140MZF
STB1306480MZF
STB1306670MZF
STB1306990MZF
* Turns Ratio : 1 : 1
STB1306330MZF
STB1306250MZF
STB1306200MZF
STB13061R9MZF
STB13065R1MZF
STB13067R8MZF
STB13069R8MZF
STB13061R1MZF
STB1306R76MZF
STB1306R49MZF
0.49
0.76
±20%
Min.
0.228
59.05
1.15
0.805
195.20
0.60
396.38
269.50
2.259
0.36
0.952
0.55
102.60
132.86
82.47
0.461
0.80
0.662
0.65
0.337
0.95
31.23
39.53
3.30
4.60
20.62
7.81
5.69
0.131
1.50
0.187
1.25
0.055
0.107
0.25V/100K
1.65
2.30
1.49
1.95
7.90
0.0093
5.90
7.20
0.0112
0.0166
2.24
3.05
4.39
3.24
Max.
Min.
±20%
0.019
0.25V/100K
3.95
0.023
0.033
0.25V/100K
0.25V/100K
3.60
2.95
Max.
( Hz )
Parallel
Test
LL IDC
IDC
RDC
L
L
IDC
RDC
Test
Series
IDC
1.95
1.10
7.81
5.15
14.76
9.88
25.65
20.62
48.80
99.09
67.37
33.21
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.37
9.52
69.54
43.04
32.21
17.17
22.93
13.44
3.56
6.70
5.15
0.81
1.42
0.56
0.0274
0.0534
0.0653
0.0933
0.1139
0.1684
0.2306
0.3312
0.4025
0.4760
1.1300
1.60
2.30
1.90
2.50
3.00
1.10
0.72
1.20
1.30
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
0.25V/100K
38.09
26.79
20.61
14.23
128.83
91.72
68.68
53.76
278.15
172.16
* Hi-Pot Test ( N1-N2 ) : 300VDC 1mA 1SECOND



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com