Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC10APWT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC10APWT
Description  TRIPLE 3-INPUT POSITIVE-NAND GATE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC10APWT Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC10APWT Datasheet HTML 1Page - Texas Instruments SN74LVC10APWT Datasheet HTML 2Page - Texas Instruments SN74LVC10APWT Datasheet HTML 3Page - Texas Instruments SN74LVC10APWT Datasheet HTML 4Page - Texas Instruments SN74LVC10APWT Datasheet HTML 5Page - Texas Instruments SN74LVC10APWT Datasheet HTML 6Page - Texas Instruments SN74LVC10APWT Datasheet HTML 7Page - Texas Instruments SN74LVC10APWT Datasheet HTML 8Page - Texas Instruments SN74LVC10APWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.ti.com
FEATURES
D, DB, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
2A
2B
2C
2Y
GND
VCC
1C
1Y
3C
3B
3A
3Y
RGY PACKAGE
(TOP VIEW)
1
14
7
8
2
3
4
5
6
13
12
11
10
9
1C
1Y
3C
3B
3A
1B
2A
2B
2C
2Y
DESCRIPTION/ORDERING INFORMATION
SN74LVC10A
TRIPLE 3-INPUT POSITIVE-NAND GATE
SCAS284N – JANUARY 1993 – REVISED FEBRUARY 2005
•
Operates From 1.65 V to 3.6 V
•
Specified From –40
°C to 85°C and
– 40
°C to 125°C
•
Inputs Accept Voltages to 5.5 V
•
Max tpd of 4.9 ns at 3.3 V
•
Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
•
Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
•
Latch-Up Performance Exceeds 250 mA Per
JESD 17
•
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
This triple 3-input positive-NAND gate is designed for 1.65-V to 3.6-V VCC operation.
The SN74LVC10A performs the Boolean function Y = A
⋅ B ⋅ C or Y = A + B + C in positive logic.
Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of these devices as translators
in a mixed 3.3-V/5-V system environment.
ORDERING INFORMATION
ORDERABLE
TOP-SIDE
TA
PACKAGE(1)
PART NUMBER
MARKING
–40
°C to 85°C
QFN - RGY
Reel of 1000
SN74LVC10ARGYR
LC10A
Tube of 50
SN74LVC10AD
SOIC - D
Reel of 2500
SN74LVC10ADR
LVC10A
Reel of 250
SN74LVC10ADT
SOP - NS
Reel of 2000
SN74LVC10ANSR
LVC10A
–40
°C to 125°C
SSOP - DB
Reel of 2000
SN74LVC10ADBR
LC10A
Tube of 90
SN74LVC10APW
TSSOP - PW
Reel of 2000
SN74LVC10APWR
LC10A
Reel of 250
SN74LVC10APWT
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1993–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC10APWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC10APWT TI1-SN74LVC10APWT Datasheet
1Mb / 19P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74LVC10APWT TI1-SN74LVC10APWT Datasheet
1Mb / 30P
SN74LVC10A Triple 3-Input Positive-NAND Gate
MAY 2024
More results

Similar Description - SN74LVC10APWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC10 TI-SN74ALVC10 Datasheet
110Kb / 7P
TRIPLE 3-INPUT POSITIVE-NAND GATE
logo
Fairchild Semiconductor
DM74AS10 FAIRCHILD-DM74AS10 Datasheet
46Kb / 4P
Triple 3-Input NAND Gate
logo
Texas Instruments
SN54LV10A TI-SN54LV10A Datasheet
332Kb / 13P
TRIPLE 3-INPUT POSITIVE-NAND GATE
logo
Integral Corp.
74HC10E INTEGRAL-74HC10E Datasheet
125Kb / 4P
TRIPLE 3-INPUT NAND GATE
logo
Texas Instruments
SN54LV10A TI-SN54LV10A_07 Datasheet
474Kb / 15P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74HC10-EP TI1-SN74HC10-EP Datasheet
540Kb / 11P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74HC10-Q1 TI1-SN74HC10-Q1 Datasheet
230Kb / 10P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74ACT10-Q1 TI1-SN74ACT10-Q1 Datasheet
183Kb / 9P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74ALVC10 TI1-SN74ALVC10_15 Datasheet
654Kb / 15P
TRIPLE 3-INPUT POSITIVE-NAND GATE
SN74LVC10A TI1-SN74LVC10A_15 Datasheet
1Mb / 19P
TRIPLE 3-INPUT POSITIVE-NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com