Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2111 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP2111
Description  600mA CMOS LDO REGULATOR WITH ENABLE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2111 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP2111 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2111 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Brief
600mA CMOS LDO REGULATOR WITH ENABLE
AP2111
Apr. 2009
BCD Semiconductor Manufacturing Limited
2
Pin Configuration
SOIC-8/PSOP-8
SOT-223
Ordering Information Example
Package
Temperature
Range
Part Number
Marking ID
Packing
Type
AP2111M-1.2G1
2111M-1.2G1
Tube
AP2111M-1.2TRG1
2111M-1.2G1
Tape & Reel
AP2111M-3.3G1
2111M-3.3G1
Tube
SOIC-8
-40 to 85
°C
AP2111M-3.3TRG1
2111M-3.3G1
Tape & Reel
AP2111MP-1.2G1
2111MP-1.2G1
Tube
PSOP-8
-40 to 85
°C
AP2111MP-3.3G1
2111MP-3.3G1
Tube
AP2111H-1.2TRG1
GH11B
Tape & Reel
SOT-223
-40 to 85
°C
AP2111H-3.3TRG1
GH11C
Tape & Reel
Detailed information please refer to the relevant datasheet.
Sales Office:
Shanghai
No. 1600, Zi Xing Road, Shanghai ZiZhu Science-based
Industrial Park, 200241, China
Tel : 86-21-24162266
Fax : 86-21-24162277
Taiwan
4F, 298-1 Rui Guang Road, Nei-Hu District, Taipei,
Taiwan
Tel : 886-2-2656-2808
Fax : 886-2-2656-2806
USA
30920 Huntwood Ave. Hayward, CA 94544,
USA
Tel : +1-510-324-2988
Fax : +1-510-324-2788
Shenzhen
Room E, 5F, Noble Center, No.1006, 3rd Fuzhong Road,
Futian District, Shenzhen 518026, China
Tel : 86-755-8826 7951
Fax : 86-755-8826 7865



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com