Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3902 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AP3902
Description  LOW POWER PWM SWITCH FOR OFF-LINE SMPS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3902 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AP3902 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3902 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LOW POWER PWM SWITCH FOR OFF-LINE SMPS
AP3902
Data Sheet
3
BCD Semiconductor Manufacturing Limited
Sep. 2008 Rev. 1.0
Functional Block Diagram
Figure 3. Functional Block Diagram of AP3902
VCC
GND
B
VS
C
VA
PWM Logic
Start-
up Current
Source
Bias
OSC
Discharge
Logic
V
REF
FB
PWM
Comparator
+
-
UVLO
+
-
+
-
Driver
V
REF
V
REF
(1.2 V)
(1.2 V)
Short Circuit
Protection
-
Discharge
Comparator
Slope
Compensation
NPN
Transistor
Emitter
OUT
4
5, 6
1
2
3
8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com