Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTCDT Datasheet(PDF) 1 Page - Central Technologies

Part # CTCDT
Description  Toroidal Chokes for Class D Amplifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCDT Datasheet(HTML) 1 Page - Central Technologies

  CTCDT Datasheet HTML 1Page - Central Technologies CTCDT Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Toroidal Chokes for Class D Amplifiers
ctparts.com
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2009 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
TECHNOLOGIES
05.07.09
CTCDT Series
From 4.7 µH to 56 µH
Not shown at actual size.
CHARACTERISTICS
Description: Toroidal Chokes for Class D amplifiers
Applications: Powered Loudspeakers, electronic motor drives,
portable amps, PA systems & car amps.
Testing: Inductance tested at 10kHz, 10 gauss, 0Adc
Winding: Single layer wound for high self-resonant frequency
Core: 10 permeability Carbonyl Micrometals© Core
Packaging: Bulk packaged
Additional Information:
*
ΔL of less than 10% at currents greater than 100A
* Class-D Operation 250kHz - 500kHz
* High Linearity Under Peak Bias Conditions
* Extremely Low Loss Under Typical Class-D ripple Current
Conditions
* Reduced THD Due to Highest Linearity
* Custom values & horizontal mounted configurations available
upon request.
Note: Application should limit long term absolute temperature of
component to be 75°C max.
Miscellaneous: RoHS Compliant.
Samples available. See website for ordering information.
RoHS
Compliant
SPECIFICATIONS
Closest
Nominal Initial
DC Resistance
Long Term r.m.s.
Peak Current for
Peak Current for
Core Loss (typ.)
Core Loss (typ.)
Standard Value
Inductance (O ADC)
(ref., 20°C.)
current guideline
5% Inductance Drop
10% Inductance Drop
at
at
μHy
μHy (±7%)
:
Amperes r.m.s.
Amperes peak
Amperes peak
100 kHz, 140 Gauss
500 kHz, 50 Gauss
CTCDT 09401
4.7
4.84
0.011
8.6
35.8
75.6
CTCDT 09402
6.8
6.59
0.015
6.8
30.7
64.8
CTCDT 09503
10.0
10.3
0.029
4.3
24.6
51.9
CTCDT 09404
12.0
12.1
0.036
3.4
22.6
47.8
41 mW
26 mW
CTCDT 09405
15.0
14.8
0.040
3.4
20.5
43.2
CTCDT 09406
18.0
17.8
0.064
2.1
18.7
39.5
CTCDT 09407
22.0
21.8
0.072
2.1
16.9
35.6
CTCDT 10601
4.7
4.87
0.009
10.9
49.2
103.8
CTCDT 10602
6.8
6.53
0.012
8.6
42.5
89.7
CTCDT 10603
10.0
9.84
0.018
6.8
34.6
73.1
CTCDT 10604
12.0
12.2
0.025
5.4
31.2
65.8
57 mW
36 mW
CTCDT 10605
15.0
14.7
0.028
5.4
28.3
59.8
CTCDT 10606
18.0
18.5
0.039
4.3
25.3
53.3
CTCDT 10607
22.0
21.6
0.050
3.4
23.4
49.3
CTCDT 13001
4.7
4.85
0.008
13.7
56.8
119.9
CTCDT 13002
6.8
6.88
0.009
13.7
47.7
100.7
CTCDT 13003
10.0
9.9
0.011
13.7
39.7
83.9
CTCDT 13004
12.0
12.0
0.015
10.9
36.1
76.3
110 mW
70 mW
CTCDT 13005
15.0
15.1
0.022
8.6
32.2
68.0
CTCDT 13006
18.0
17.6
0.027
6.8
29.8
62.9
CTCDT 13007
22.0
22.3
0.036
5.4
26.5
55.9
CTCDT 15401
18.0
18.1
0.020
10.9
40.4
85.3
CTCDT 15402
22.0
22.4
0.022
10.9
36.4
76.8
CTCDT 15403
27.0
27.1
0.030
8.6
33.1
69.8
CTCDT 15404
33.0
33.6
0.040
6.8
29.7
62.7
204 mW
129 mW
CTCDT 15405
39.0
39.3
0.045
6.8
27.4
57.9
CTCDT 15406
47.0
47.1
0.062
5.4
25.1
52.9
CTCDT 15407
56.0
55.6
0.085
4.3
23.1
48.7
Part Number


Similar Part No. - CTCDT

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDTF CT-CTCDTF Datasheet
419Kb / 2P
From 4.7 關H to 56 關H
logo
Central Semiconductor C...
CTCDTF-09401 CENTRAL-CTCDTF-09401 Datasheet
419Kb / 2P
Toroidal Chokes for Class D Amplifiers
logo
Central Technologies
CTCDTF-09401 CT-CTCDTF-09401 Datasheet
419Kb / 2P
From 4.7 關H to 56 關H
logo
Central Semiconductor C...
CTCDTF-09402 CENTRAL-CTCDTF-09402 Datasheet
419Kb / 2P
Toroidal Chokes for Class D Amplifiers
logo
Central Technologies
CTCDTF-09402 CT-CTCDTF-09402 Datasheet
419Kb / 2P
From 4.7 關H to 56 關H
More results

Similar Description - CTCDT

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
TC100-1R0M-RC ALLIED-TC100-1R0M-RC Datasheet
377Kb / 1P
Toroidal Chokes
TC210-100L-RC ALLIED-TC210-100L-RC Datasheet
1,023Kb / 1P
Toroidal Chokes
TC230-100L-RC ALLIED-TC230-100L-RC Datasheet
1Mb / 1P
Toroidal Chokes
logo
Central Semiconductor C...
CTCDTF-09401 CENTRAL-CTCDTF-09401 Datasheet
419Kb / 2P
Toroidal Chokes for Class D Amplifiers
logo
Allied Components Inter...
VTCB210-100L-RC ALLIED-VTCB210-100L-RC Datasheet
1Mb / 1P
Toroidal Chokes
TC100 ALLIED-TC100 Datasheet
378Kb / 1P
Toroidal Chokes
TC210 ALLIED-TC210 Datasheet
1Mb / 1P
Toroidal Chokes
VTC0690 ALLIED-VTC0690 Datasheet
215Kb / 1P
Toroidal Chokes
VTCB210 ALLIED-VTCB210 Datasheet
1Mb / 1P
Toroidal Chokes
VTC570 ALLIED-VTC570 Datasheet
1Mb / 1P
Toroidal Chokes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com