Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTCTXF5-2P Datasheet(PDF) 1 Page - Central Technologies

Part # CTCTXF5-2P
Description  Toroidal Common Mode Choke
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCTXF5-2P Datasheet(HTML) 1 Page - Central Technologies

  CTCTXF5-2P Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toroidal Common Mode Choke
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2008 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
04.15.08
Size
A
B
C
D
E
F
Nom.
Nom.
Max.
Max.
Max.
Min.
mm
9.0
11.4
6.9
3.05
3.56
0.762
inches
0.35
0.45
0.27
0.12
0.14
0.03
C
D
E
F
.005/0.127(Min.)
For Cleaning
Clearance
B
Marking
B
A
A
2
3
4
1
1
4
3
2
Bottom View
Top View
PHYSICAL DIMENSIONS
CTCTXF-2P Series
From 0.54 µH to 300.42 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD Toroidal Common Mode Choke
Applications: Single inductors, 1:1 coupled inductors, & 1:1
isolation transformers
Operating Temperature: -40°C to +85°C
Storage Temperature: -40°C to +125°C
Inductance Tolerance: ±20%
Testing: Inductance is tested on an HP4285A at 100 kHz
Packaging: Tape & Reel
Marking: Parts marked with inductance code
Miscellaneous: RoHS Compliant
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
CONNECTION DIAGRAM
SPECIFICATIONS
Parts are available in ±20% tolerance only.
CTCTXF0.47-2P
0.54
0.006
5.90
2.18
0.024
2.95
CTCTXF0.68-2P
0.85
0.007
5.40
3.40
0.029
2.70
CTCTXF1-2P
1.22
0.008
5.00
4.90
0.033
2.50
CTCTXF2-2P
2.18
0.014
3.90
8.70
0.055
1.95
CTCTXF5-2P
4.90
0.032
2.50
19.58
0.128
1.25
CTCTXF8-2P
7.65
0.040
2.30
30.60
0.158
1.15
CTCTXF10-2P
9.83
0.045
2.10
39.30
0.179
1.05
CTCTXF15-2P
14.99
0.085
1.60
59.98
0.339
0.80
CTCTXF20-2P
19.58
0.097
1.50
78.34
0.387
0.75
CTCTXF25-2P
24.79
0.109
1.40
99.14
0.436
0.70
CTCTXF33-2P
32.67
0.126
1.30
130.70
0.503
0.65
CTCTXF50-2P
49.10
0.305
0.82
196.38
1.221
0.41
CTCTXF68-2P
68.85
0.362
0.76
275.40
1.445
0.38
CTCTXF100-2P
99.14
0.541
0.62
396.58
2.162
0.31
CTCTXF150-2P
148.10
0.665
0.56
592.42
2.660
0.28
CTCTXF200-2P
201.59
0.951
0.46
806.34
3.804
0.23
CTCTXF300-2P
300.42
1.176
0.42
1201.70
4.703
0.21
PARALLEL
SERIES
DCR
Full Load
DCR
Full Load
Part
OCL
Max.
Current
OCL
Max.
Current
Number
(µH±20%)
(
Ω
Ω)
(Adc)
(µH±20%)
(
Ω
Ω)
(Adc)
RoHS
Compliant


Similar Part No. - CTCTXF5-2P

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCTXF-4P CT-CTCTXF-4P Datasheet
437Kb / 1P
Toroidal Common Mode Choke
More results

Similar Description - CTCTXF5-2P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
COMMON MODE CHOKE
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
Common-Mode Choke
TR0808 ETC1-TR0808 Datasheet
26Kb / 1P
Common Mode Toroidal Coils
logo
TALEMA Group. LLC
CAB-0.5-10 TALEMA-CAB-0.5-10 Datasheet
118Kb / 3P
Common Mode Toroidal Chokes
CMPS-1.22-1.17 TALEMA-CMPS-1.22-1.17 Datasheet
105Kb / 2P
Common Mode Toroidal Chokes
logo
Allied Components Inter...
VCM7101-RC ALLIED-VCM7101-RC Datasheet
496Kb / 1P
Common Mode Choke
logo
XFMRS Inc.
XF0473-HPCMC XFMRS-XF0473-HPCMC_10 Datasheet
108Kb / 1P
COMMON MODE CHOKE
logo
ice Components, Ins.
CS01 ICE-CS01_08 Datasheet
403Kb / 2P
Common Mode Choke
logo
MPS Industries, Inc.
P52TM12 MPSIND-P52TM12 Datasheet
195Kb / 1P
COMMON MODE CHOKE
logo
Central Technologies
CTCTXF-4P CT-CTCTXF-4P Datasheet
437Kb / 1P
Toroidal Common Mode Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com