Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G02DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G02DBVT
Description  SINGLE 2-INPUT POSITIVE-NOR GATE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G02DBVT Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G02DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1G02DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1G02DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G02DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G02DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G02DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G02DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G02DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G02DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN74LVC1G02
SINGLE 2INPUT POSITIVENOR GATE
SCES213Q − APRIL 1999 − REVISED MAY 2005
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Available in the Texas Instruments
NanoStar
 and NanoFree Packages
D Supports 5-V VCC Operation
D Inputs Accept Voltages to 5.5 V
D Max tpd of 3.6 ns at 3.3 V
D Low Power Consumption, 10-µA Max ICC
D ±24-mA Output Drive at 3.3 V
D Ioff Supports Partial-Power-Down Mode
Operation
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
3
2
4
5
1
AVCC
Y
B
GND
DBV PACKAGE
(TOP VIEW)
YEA, YEP, YZA,
OR YZP PACKAGE
(BOTTOM VIEW)
DCK PACKAGE
(TOP VIEW)
3
2
4
5
1
AVCC
Y
B
GND
3
2
4
5
1
A
Y
B
GND
A
GND
VCC
Y
B
DRL PACKAGE
(TOP VIEW)
See mechanical drawings for dimensions.
1
4
2
3
5
VCC
description/ordering information
This single 2-input positive-NOR gate is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC1G02 performs the Boolean function Y = A + B or Y = A
• B in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
NanoStar
 − WCSP (DSBGA)
0.17-mm Small Bump − YEA
SN74LVC1G02YEAR
NanoFree
 − WCSP (DSBGA)
0.17-mm Small Bump − YZA (Pb-free)
Reel of 3000
SN74LVC1G02YZAR
_ _ _CB_
NanoStar
 − WCSP (DSBGA)
0.23-mm Large Bump − YEP
Reel of 3000
SN74LVC1G02YEPR
_ _ _CB_
−40
°C to 85°C
NanoFree
 − WCSP (DSBGA)
0.23-mm Large Bump − YZP (Pb-free)
SN74LVC1G02YZPR
SOT (SOT-23) − DBV
Reel of 3000
SN74LVC1G02DBVR
C02_
SOT (SOT-23) − DBV
Reel of 250
SN74LVC1G02DBVT
C02_
SOT (SC-70) − DCK
Reel of 3000
SN74LVC1G02DCKR
CB_
SOT (SC-70) − DCK
Reel of 250
SN74LVC1G02DCKT
CB_
SOT (SOT-553) − DRL
Reel of 4000
SN74LVC1G02DRLR
CB_
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
‡ DBV/DCK/DRL: The actual top-side marking has one additional character that designates the assembly/test site.
YEA/YZA,YEP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code,
and one following character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition
(1 = SnPb,
• = Pb-free).
Copyright
 2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
NanoStar and NanoFree are trademarks of Texas Instruments.


Similar Part No. - SN74LVC1G02DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G02DBVT TI-SN74LVC1G02DBVT Datasheet
559Kb / 15P
SINGLE 2-INPUT POSITIVE NOR-GATE
SN74LVC1G02DBVT TI-SN74LVC1G02DBVT Datasheet
665Kb / 16P
SINGLE 2-INPUT POSITIVE NOR-GATE
SN74LVC1G02DBVT TI1-SN74LVC1G02DBVT Datasheet
1,021Kb / 22P
SINGLE 2-INPUT POSITIVE NOR-GATE
SN74LVC1G02DBVT TI1-SN74LVC1G02DBVT Datasheet
1Mb / 38P
SN74LVC1G02 Single 2-Input Positive NOR-Gate
SN74LVC1G02DBVTE4 TI-SN74LVC1G02DBVTE4 Datasheet
559Kb / 15P
SINGLE 2-INPUT POSITIVE NOR-GATE
More results

Similar Description - SN74LVC1G02DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02 TI-SN74LVC1G02_08 Datasheet
559Kb / 15P
SINGLE 2-INPUT POSITIVE NOR-GATE
logo
Diodes Incorporated
74LVC1G02_1012 DIODES-74LVC1G02_1012 Datasheet
245Kb / 14P
SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 2 - 2
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
SINGLE 2 INPUT POSITIVE NOR GATE
Rev 1
logo
Texas Instruments
SN74LVC1G02-EP TI1-SN74LVC1G02-EP Datasheet
545Kb / 14P
SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHC1G02-EP TI1-SN74AHC1G02-EP_16 Datasheet
739Kb / 10P
SINGLE 2-INPUT POSITIVE-NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com