Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC4245APW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC4245APW
Description  OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC4245APW Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC4245APW Datasheet HTML 1Page - Texas Instruments SN74LVC4245APW Datasheet HTML 2Page - Texas Instruments SN74LVC4245APW Datasheet HTML 3Page - Texas Instruments SN74LVC4245APW Datasheet HTML 4Page - Texas Instruments SN74LVC4245APW Datasheet HTML 5Page - Texas Instruments SN74LVC4245APW Datasheet HTML 6Page - Texas Instruments SN74LVC4245APW Datasheet HTML 7Page - Texas Instruments SN74LVC4245APW Datasheet HTML 8Page - Texas Instruments SN74LVC4245APW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.ti.com
Electrical Characteristics
(1)
Electrical Characteristics
(1)
SN74LVC4245A
OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER
WITH 3-STATE OUTPUTS
SCAS375H – MARCH 1994 – REVISED MARCH 2005
over recommended operating free-air temperature range for V
CCA = 4.5 V to 5.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCCA
MIN TYP(2)
MAX
UNIT
4.5 V
4.3
IOH = –100 µA
5.5 V
5.3
VOH
V
4.5 V
3.7
IOH = –24 mA
5.5 V
4.7
4.5 V
0.2
IOL = 100 µA
5.5 V
0.2
VOL
V
4.5 V
0.55
IOL = 24 mA
5.5 V
0.55
II
Control inputs
VI = VCCA or GND
5.5 V
±1
µA
IOZ(3)
A port
VO = VCCA or GND
5.5 V
±5
µA
ICCA
VI = VCCA or GND,
IO = 0
5.5 V
80
µA
∆I
CCA
(4)
One input at 3.4 V,
Other inputs at VCCA or GND
5.5 V
1.5
mA
Ci
Control inputs
VI = VCCA or GND
Open
5
pF
Cio
A port
VO = VCCA or GND
5 V
11
pF
(1)
VCCB = 2.7 V to 3.6 V
(2)
All typical values are measured at VCC = 5 V, TA = 25°C.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
(4)
This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than 0 V or the associated
VCC.
over recommended operating free-air temperature range for V
CCB = 2.7 V to 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCCB
MIN TYP(2)
MAX
UNIT
IOH = –100 µA
2.7 V to 3.6 V VCC – 0.2
2.7 V
2.2
VOH
IOH = –12 mA
V
3 V
2.4
IOH = –24 mA
3 V
2
IOL = 100 µA
2.7 V to 3.6 V
0.2
VOL
IOL = 12 mA
2.7 V
0.4
V
IOL = 24 mA
3 V
0.55
IOZ(3)
B port
VO = VCCB or GND
3.6 V
±5
µA
ICCB
VI = VCCB or GND,
IO = 0
3.6 V
50
µA
∆I
CCB
(4)
One input at VCCB – 0.6 V,
Other inputs at VCCB or GND
2.7 V to 3.6 V
0.5
mA
Cio
B port
VO = VCCB or GND
3.3 V
11
pF
(1)
VCCA = 5 V ± 0.5 V
(2)
All typical values are measured at VCC = 3.3 V, TA = 25°C.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
(4)
This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than 0 V or the associated
VCC.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com