Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC244APW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC244APW
Description  OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC244APW Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC244APW Datasheet HTML 1Page - Texas Instruments SN74LVC244APW Datasheet HTML 2Page - Texas Instruments SN74LVC244APW Datasheet HTML 3Page - Texas Instruments SN74LVC244APW Datasheet HTML 4Page - Texas Instruments SN74LVC244APW Datasheet HTML 5Page - Texas Instruments SN74LVC244APW Datasheet HTML 6Page - Texas Instruments SN74LVC244APW Datasheet HTML 7Page - Texas Instruments SN74LVC244APW Datasheet HTML 8Page - Texas Instruments SN74LVC244APW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1OE
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
VCC
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
DB, DGV, DW, N, NS, OR PW PACKAGE
(TOP VIEW)
RGY PACKAGE
(TOP VIEW)
1
20
10
11
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
SN74LVC244A
OCTAL BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCAS414X – NOVEMBER 1992 – REVISED MARCH 2005
•
Operates From 1.65 V to 3.6 V
•
Inputs Accept Voltages to 5.5 V
•
Specified From –40°C to 85°C and –40°C to
125°C
•
Max tpd of 5.9 ns at 3.3 V
•
Typical VOLP (Output Ground Bounce) < 0.8 V
at VCC = 3.3 V, TA = 25°C
•
Typical VOHV (Output VOH Undershoot) > 2 V
at VCC = 3.3 V, TA = 25°C
•
Supports Mixed-Mode Signal Operation on All
Ports (5-V Input/Output Voltage With
3.3-V VCC)
•
Ioff Supports Partial-Power-Down Mode
Operation
•
Latch-Up Performance Exceeds 250 mA Per
JESD 17
•
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
This octal buffer/line driver is operational at 1.5-V to
3.6-V VCC, but is designed specifically for 1.65-V to
3.6-V VCC operation.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – RGY
Reel of 1000
SN74LVC244ARGYR
LC244A
–40°C to 85°C
VFBGA – GQN
SN74LVC244AGQNR
Reel of 1000
LC244A
VFBGA – ZQN (Pb-Free)
SN74LVC244AZQNR
PDIP – N
Tube of 20
SN74LVC244AN
SN74LVC244AN
Tube of 25
SN74LVC244ADW
SOIC – DW
LVC244A
Reel of 2000
SN74LVC244ADWR
SOP – NS
Reel of 2000
SN74LVC244ANSR
LVC244A
–40°C to 125°C
SSOP – DB
Reel of 2000
SN74LVC244ADBR
LC244A
Tube of 70
SN74LVC244APW
TSSOP – PW
Reel of 2000
SN74LVC244APWR
LC244A
Reel of 250
SN74LVC244APWT
TVSOP – DGV
Reel of 2000
SN74LVC244ADGVR
LC244A
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1992–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC244APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC244APW TI-SN74LVC244APW Datasheet
967Kb / 23P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC244APW TI1-SN74LVC244APW Datasheet
1Mb / 34P
SN74LVC244A Octal Buffer or Driver With 3-State Outputs
SN74LVC244APW TI1-SN74LVC244APW Datasheet
2Mb / 43P
SN74LVC244A Octal Buffer or Driver With 3-State Outputs
MARCH 2025
SN74LVC244APW TI2-SN74LVC244APW Datasheet
2Mb / 43P
SN74LVC244A Octal Buffer or Driver with 3-State Outputs
REVISED AUGUST 2025
SN74LVC244APW TI2-SN74LVC244APW Datasheet
3Mb / 46P
SN74LVC244A Octal Buffer or Driver With 3-State Outputs
REVISED FEBRUARY 2026
More results

Similar Description - SN74LVC244APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244-EP TI1-SN74ALVC244-EP Datasheet
488Kb / 11P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-EP TI1-SN74LVC540A-EP Datasheet
409Kb / 9P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHC244-EP TI1-SN74AHC244-EP Datasheet
448Kb / 10P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-Q1 TI1-SN74LVC540A-Q1_16 Datasheet
1Mb / 15P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com