Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LVC2952A Datasheet(PDF) 1 Page - Texas Instruments

Part # LVC2952A
Description  OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LVC2952A Datasheet(HTML) 1 Page - Texas Instruments

  LVC2952A Datasheet HTML 1Page - Texas Instruments LVC2952A Datasheet HTML 2Page - Texas Instruments LVC2952A Datasheet HTML 3Page - Texas Instruments LVC2952A Datasheet HTML 4Page - Texas Instruments LVC2952A Datasheet HTML 5Page - Texas Instruments LVC2952A Datasheet HTML 6Page - Texas Instruments LVC2952A Datasheet HTML 7Page - Texas Instruments LVC2952A Datasheet HTML 8Page - Texas Instruments LVC2952A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
B8
B7
B6
B5
B4
B3
B2
B1
OEAB
CLKAB
CLKENAB
GND
VCC
A8
A7
A6
A5
A4
A3
A2
A1
OEBA
CLKBA
CLKENBA
DB, DW, NS, OR PW PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
SN74LVC2952A
OCTAL BUS TRANSCEIVER AND REGISTER
WITH 3-STATE OUTPUTS
SCAS311I – JANUARY 1993 – REVISED MARCH 2005
•
Operates From 1.65 V to 3.6 V
•
Inputs Accept Voltages to 5.5 V
•
Max tpd of 8.2 ns at 3.3 V
•
Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
•
Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
•
Supports Mixed-Mode Signal Operation on All
Ports (5-V Input/Output Voltage With
3.3-V VCC)
•
Ioff Supports Partial-Power-Down Mode
Operation
•
Latch-Up Performance Exceeds 250 mA Per
JESD 17
•
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 1000-V Charged-Device Model (C101)
This octal bus transceiver and register is designed for 1.65-V to 3.6-V VCC operation.
The SN74LVC2952A consists of two 8-bit back-to-back registers that store data flowing in both directions
between two bidirectional buses. Data on the A or B bus is stored in the registers on the low-to-high transition of
the clock (CLKAB or CLKBA) input, provided that the clock-enable (CLKENAB or CLKENBA) input is low. Taking
the output-enable (OEAB or OEBA) input low accesses the data on either port.
Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of these devices as translators
in a mixed 3.3-V/5-V system environment.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 25
SN74LVC2952ADW
SOIC – DW
LVC2952A
Reel of 2000
SN74LVC2952ADWR
SOP – NS
Reel of 2000
SN74LVC2952ANSR
LVC2952A
–40
°C to 85°C
SSOP – DB
Reel of 2000
SN74LVC2952ADBR
LE952A
Tube of 60
SN74LVC2952APW
TSSOP – PW
Reel of 2000
SN74LVC2952APWR
LE952A
Reel of 250
SN74LVC2952APWT
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1993–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LVC2952A

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
LVC20 OHMITE-LVC20 Datasheet
360Kb / 2P
Computer
LVC20 OHMITE-LVC20 Datasheet
360Kb / 2P
Low Value Chip
logo
List of Unclassifed Man...
LVC201B10 ETC2-LVC201B10 Datasheet
509Kb / 10P
Sealed Power Inductors
LVC201B12 ETC2-LVC201B12 Datasheet
509Kb / 10P
Sealed Power Inductors
logo
Ohmite Mfg. Co.
LVC20FR249E OHMITE-LVC20FR249E Datasheet
109Kb / 1P
Low Value Thick Film Chip
More results

Similar Description - LVC2952A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11652 TI-74ACT11652 Datasheet
147Kb / 8P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC646 TI-SN74LVC646 Datasheet
124Kb / 9P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11646 TI-74AC11646 Datasheet
121Kb / 9P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11648 TI1-74ACT11648 Datasheet
151Kb / 10P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11651 TI1-74ACT11651 Datasheet
145Kb / 9P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT651 TI1-SN74BCT651 Datasheet
236Kb / 10P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT2952 TI1-SN74BCT2952 Datasheet
103Kb / 6P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT2953 TI1-SN74BCT2953 Datasheet
92Kb / 5P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11646 TI1-74AC11646_09 Datasheet
136Kb / 9P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11651 TI1-74AC11651_10 Datasheet
158Kb / 10P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com