Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTDIP2012T2455BF Datasheet(PDF) 1 Page - Central Technologies

Part # CTDIP2012T2455BF
Description  Multi-layer Diplexer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDIP2012T2455BF Datasheet(HTML) 1 Page - Central Technologies

  CTDIP2012T2455BF Datasheet HTML 1Page - Central Technologies CTDIP2012T2455BF Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Multi-layer Diplexer
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
03.20.07
SPECIFICATIONS
CTDIP2012F
Series
2.4 GHz to 5.5 GHz
Not shown at actual size.
CHARACTERISTICS
CTDIP2012T2455AF PAD LAYOUT DIMENSIONS
Description: Multi-layer Chip Diplexer
Applications: 2.4GHz/5 GHz Dual-Band WLAN
Packaging: Tape & Reel
Polarity Marking: Marking is on the upper surface of the unit
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
D4
D2
D1 D3
Size
D1
D2
D3
D4
mm
0.35±0.1
0.35±0.1
0.8±0.1
0.65±0.1
inches
0.014±0.0039
0.014±0.0039
0.031±0.0039
0.025±0.0039
RoHS
Compliant
Ps: Line width base on 50
Ω Impedance
CTDIP2012T2455BF PAD LAYOUT DIMENSIONS
D4
D3
D1
D2
Size
D1
D2
D3
D4
mm
0.35±0.1
0.75±0.1
0.35±0.1
0.65±0.1
inches
0.014±0.0039
0.029±0.0039
0.014±0.0039
0.025±0.0039
Ps: Line width base on 50
Ω Impedance
Part Number
Frequency
(MHz)
Instertion Loss
(dB Max.)
Attenuation
(dB Min.)
CTDIP2012T2455AF
2400-2500
0.7
20dB @ 4.9-5.87GHz
4900-5875
0.9
25dB @ 2.4-2.5GHz
CTDIP2012T2455BF
2400-2500
0.7
20dB @ 4.8-6.0GHz
18dB @ 7.2-7.5GHz
4900-5875
1
20dB @ 2.4-2.5GHz
15dB @ 10.3-10.7GHz
FEATURES
- Miniaturized
- Low insertion loss
- High rejection at lower stop band and 2nd harmonic band


Similar Part No. - CTDIP2012T2455BF

ManufacturerPart #DatasheetDescription
logo
General Devices Company...
CTD GENERALDEVICES-CTD Datasheet
255Kb / 2P
Optional Mounting Brackets
logo
Carlo Gavazzi Holding A...
CTD-10S CARLOGAVAZZI-CTD-10S Datasheet
301Kb / 2P
Accessories AC Split-Core Current Transformer Type
CTD-10S20001AXTX CARLOGAVAZZI-CTD-10S20001AXTX Datasheet
301Kb / 2P
Accessories AC Split-Core Current Transformer Type
CTD-10S20001AXXX CARLOGAVAZZI-CTD-10S20001AXXX Datasheet
301Kb / 2P
Accessories AC Split-Core Current Transformer Type
CTD-10S20005AXTX CARLOGAVAZZI-CTD-10S20005AXTX Datasheet
301Kb / 2P
Accessories AC Split-Core Current Transformer Type
More results

Similar Description - CTDIP2012T2455BF

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ADFC32 ABRACON-ADFC32 Datasheet
118Kb / 2P
MULTI-LAYER DIELECTRIC FILTER
logo
KOA Speer Electronics, ...
MCL1JJT KOA-MCL1JJT Datasheet
181Kb / 6P
Multi Layer Ferrite Inductors
logo
Central Technologies
CTCBF-P CT-CTCBF-P Datasheet
435Kb / 2P
Chip Beads - Multi-layer
CTMCA9520 CT-CTMCA9520 Datasheet
310Kb / 3P
Multi-layer Chip Antennas
logo
Fair-Rite Products Corp...
2504026017Y0 FAIR-RITE-2504026017Y0 Datasheet
293Kb / 3P
MULTI-LAYER CHIP BEAD
2506030707H0 FAIR-RITE-2506030707H0 Datasheet
277Kb / 3P
MULTI-LAYER CHIP BEAD
2508051017Y0 FAIR-RITE-2508051017Y0 Datasheet
290Kb / 3P
MULTI-LAYER CHIP BEAD
2508059007Y0 FAIR-RITE-2508059007Y0 Datasheet
294Kb / 3P
MULTI-LAYER CHIP BEAD
logo
WALSIN TECHNOLOGY CORPO...
RFDIP1608060LW8Q1C WALSIN-RFDIP1608060LW8Q1C Datasheet
455Kb / 3P
LTCC Multi Layer Ceramic Diplexer- 1608 (0603) size
RFDIP1608070G4T WALSIN-RFDIP1608070G4T Datasheet
219Kb / 3P
LTCC Multi Layer Ceramic Diplexer- 1608 (0603) size
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com