Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTDLP2012F Datasheet(PDF) 1 Page - Central Technologies

Part # CTDLP2012F
Description  SMD Common Mode Filters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDLP2012F Datasheet(HTML) 1 Page - Central Technologies

  CTDLP2012F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Common Mode Filters
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
03.24.06
Size
L
W
T
C1
C2
D
M
mm
2.0±0.2
1.25±0.2
1.0±0.1
0.6±0.2
0.25±0.15
1.0±0.1
0.20±0.1
inches .08±.008 .05±.008
.04±.004
.02±.008
.01±.006
.04±.004
.008±.004
SPECIFICATIONS
Parts only available in ±25% impedance tolerance.
Impedance
DCR
Rated Current
Rated Voltage
Insulation Resistance
Part
±25%
Max.
Max.
Max.
Min.
Number
(
Ω
Ω)(Ω
Ω)
(mA)
(V)
(m
Ω
Ω)
CTDLP2012F-700
70
0.60
400
10
100
CTDLP2012F-900
90
0.70
400
10
100
CTDLP2012F-121
120
0.80
400
10
100
CTDLP2012F-181
180
1.00
330
10
100
CTDLP2012F-221
220
1.00
330
10
100
CTDLP2012F Series
From 70
Ω
Ω to 220 Ω
Ω
Not shown at actual size.
CHARACTERISTICS
Description: SMD Common Mode Filters
Applications: Noise suppression in digital bus line equipment.
IEEE 1394a HUB & IEEE 1394a control lines. USB host controller
& USB, HUB control lines.
Impedance Tolerance: ±25%
Testing: Impedance is tested on an HP4285A at specified
frequency
Packaging: Tape & Reel
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
C2
L
T
W
C1
D
M
RoHS
Compliant


Similar Part No. - CTDLP2012F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDLFF CT-CTDLFF Datasheet
97Kb / 1P
Data Line EMI Filters
CTDLFF-5R0-2LA CT-CTDLFF-5R0-2LA Datasheet
97Kb / 1P
Data Line EMI Filters
CTDLFF-5R0-2LB CT-CTDLFF-5R0-2LB Datasheet
97Kb / 1P
Data Line EMI Filters
CTDLFF-5R0-3LA CT-CTDLFF-5R0-3LA Datasheet
97Kb / 1P
Data Line EMI Filters
CTDLFF-5R0-3LB CT-CTDLFF-5R0-3LB Datasheet
97Kb / 1P
Data Line EMI Filters
More results

Similar Description - CTDLP2012F

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACT45B TDK-ACT45B Datasheet
32Kb / 1P
Common Mode Filters SMD
ZCYS TDK-ZCYS Datasheet
51Kb / 2P
Common Mode Filters(SMD) For xDSL
logo
SAMWHA ELECTRIC
CMV2012 SAMWHA-CMV2012 Datasheet
130Kb / 1P
COMMON MODE FILTERS
logo
TDK Electronics
ACM3225-102-2P TDK-ACM3225-102-2P Datasheet
184Kb / 9P
Common Mode Filters
ACM2012H-900-2P-T00 TDK-ACM2012H-900-2P-T00 Datasheet
119Kb / 10P
Common Mode Filters
ACM7060-701-2PL-TL TDK-ACM7060-701-2PL-TL Datasheet
91Kb / 3P
Common Mode Filters(SMD)
logo
STMicroelectronics
AN4511 STMICROELECTRONICS-AN4511 Datasheet
4Mb / 21P
Common mode filters
29-Jul-2014
logo
TDK Electronics
ACM2012 TDK-ACM2012_18 Datasheet
155Kb / 7P
Common mode filters
MCZ1210DH TDK-MCZ1210DH Datasheet
193Kb / 4P
Common mode filters
MCZ1210CH TDK-MCZ1210CH Datasheet
171Kb / 4P
Common mode filters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com