Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75154 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75154
Description  QUADRUPLE LINE RECEIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75154 Datasheet(HTML) 1 Page - Texas Instruments

  SN75154 Datasheet HTML 1Page - Texas Instruments SN75154 Datasheet HTML 2Page - Texas Instruments SN75154 Datasheet HTML 3Page - Texas Instruments SN75154 Datasheet HTML 4Page - Texas Instruments SN75154 Datasheet HTML 5Page - Texas Instruments SN75154 Datasheet HTML 6Page - Texas Instruments SN75154 Datasheet HTML 7Page - Texas Instruments SN75154 Datasheet HTML 8Page - Texas Instruments SN75154 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN75154
QUADRUPLE LINE RECEIVER
SLLS083B – NOVEMBER 1970 – REVISED MAY 1995
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meets or Exceeds the Requirements of
ANSI Standard EIA/TIA-232-E and ITU
Recommendation V.28
D Input Resistance . . . 3 kΩ to 7 kΩ Over Full
EIA/TIA-232-E Voltage Range
D Input Threshold Adjustable to Meet
Fail-Safe Requirements Without Using
External Components
D Built-In Hysteresis for Increased Noise
Immunity
D Inverting Output Compatible With TTL
D Output With Active Pullup for Symmetrical
Switching Speeds
D Standard Supply Voltages ...5 V or 12 V
description
The SN75154 is a monolithic low-power Schottky line receiver designed to satisfy the requirements of the
standard interface between data terminal equipment and data communication equipment as defined by ANSI
Standard EIA/TIA-232-E. Other applications are for relatively short, single-line, point-to-point data transmission
and for level translators. Operation is normally from a single 5-V supply; however, a built-in option allows
operation from a 12-V supply without the use of additional components. The output is compatible with most TTL
circuits when either supply voltage is used.
In normal operation, the threshold-control terminals are connected to the VCC1 terminal, even if power is being
supplied via the alternate VCC2 terminal. This provides a wide hysteresis loop, which is the difference between
the positive-going and negative-going threshold voltages. See typical characteristics. In this mode of operation,
if the input voltage goes to zero, the output voltage will remain at the low or high level as determined by the
previous input.
For fail-safe operation, the threshold-control terminals are open. This reduces the hysteresis loop by causing
the negative-going threshold voltage to be above zero. The positive-going threshold voltage remains above
zero as it is unaffected by the disposition of the threshold terminals. In the fail-safe mode, if the input voltage
goes to zero or an open-circuit condition, the output will go to the high level regardless of the previous input
condition.
The SN75154 is characterized for operation from 0
°C to 70°C.
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
3T
2T
1T
1A
2A
3A
4A
GND
VCC2
VCC1
4T
1Y
2Y
3Y
4Y
R1
(TOP VIEW)
D OR N PACKAGE
† For function of R1, see schematic


Similar Part No. - SN75154

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75154 TI1-SN75154 Datasheet
712Kb / 17P
QUADRUPLE LINE RECEIVER
SN75154 TI2-SN75154 Datasheet
636Kb / 20P
QUADRUPLE LINE RECEIVER
REVISED MAY 1995
SN75154D TI1-SN75154D Datasheet
712Kb / 17P
QUADRUPLE LINE RECEIVER
SN75154D TI2-SN75154D Datasheet
636Kb / 20P
QUADRUPLE LINE RECEIVER
REVISED MAY 1995
SN75154D.A TI2-SN75154D.A Datasheet
636Kb / 20P
QUADRUPLE LINE RECEIVER
REVISED MAY 1995
More results

Similar Description - SN75154

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197 TI-SN75ALS197 Datasheet
161Kb / 12P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_09 Datasheet
841Kb / 20P
QUADRUPLE DIFFRENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP Datasheet
164Kb / 9P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LS32AM-EP TI1-AM26LS32AM-EP Datasheet
157Kb / 12P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32QDR TI1-AM26C32QDR Datasheet
1Mb / 23P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75154 TI1-SN75154_15 Datasheet
712Kb / 17P
QUADRUPLE LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
logo
Hitachi Semiconductor
HD75175 HITACHI-HD75175 Datasheet
45Kb / 9P
Quadruple Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com