Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75179B Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN75179B
Description  DIFFERENTIAL DRIVER AND RECEIVER PAIR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75179B Datasheet(HTML) 8 Page - Texas Instruments

  SN75179B Datasheet HTML 1Page - Texas Instruments SN75179B Datasheet HTML 2Page - Texas Instruments SN75179B Datasheet HTML 3Page - Texas Instruments SN75179B Datasheet HTML 4Page - Texas Instruments SN75179B Datasheet HTML 5Page - Texas Instruments SN75179B Datasheet HTML 6Page - Texas Instruments SN75179B Datasheet HTML 7Page - Texas Instruments SN75179B Datasheet HTML 8Page - Texas Instruments SN75179B Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SN75179B
DIFFERENTIAL DRIVER AND RECEIVER PAIR
SLLS003E – OCTOBER 1985 – REVISED JUNE 1998
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
2.5
2
1
0.5
0
4.5
1.5
0
– 5 – 10 – 15 – 20 – 25 – 30
3.5
3
4
5
– 35 – 40 – 45 – 50
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH – High-Level Output Current – mA
VCC = 4.75 V
VID = 0.2 V
TA = 25°C
VCC = 5 V
VCC = 5.25 V
Figure 9
2.5
2
1
0.5
0
4.5
1.5
0
102030
40
5060
3.5
3
4
HIGH-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
5
70
80
90
TA – Free-Air Temperature – °C
VCC = 5 V
VID = 0.2 V
IOH = – 440 µA
Figure 10
RECEIVER
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
0.3
0.2
0.1
0
05
10
0.4
0.5
0.6
15
20
25
30
IOL – Low-Level Output Current – mA
VCC = 5 V
TA = 25°C
Figure 11
0.2
0.1
0
0
102030
40
5060
0.3
0.4
RECEIVER
LOW-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
0.5
70
80
90
TA – Free-Air Temperature – °C
VCC = 5 V
VID = – 0.2 V
IOL = 8 mA
Figure 12



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com