Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75196 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN75196
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75196 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75196 Datasheet HTML 4Page - Texas Instruments SN75196 Datasheet HTML 5Page - Texas Instruments SN75196 Datasheet HTML 6Page - Texas Instruments SN75196 Datasheet HTML 7Page - Texas Instruments SN75196 Datasheet HTML 8Page - Texas Instruments SN75196 Datasheet HTML 9Page - Texas Instruments SN75196 Datasheet HTML 10Page - Texas Instruments SN75196 Datasheet HTML 11Page - Texas Instruments SN75196 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SN75196
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS188B – MAY 1995 – REVISED APRIL 1998
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VI
VDD
VCC
VSS
–IOS
Figure 4. Receiver Test Circuit for IOS
VIT, VI
VDD
VCC
VSS
IOL
VOH
–IOH
VOL
Figure 5. Receiver Test Circuit for VIT, VOH, and VOL
5 V
–5 V
50%
50%
Input
tPHL
tPLH
90%
50%
10%
50%
10%
90%
tTHL
tTLH
VOH
VOL
VOLTAGE WAVEFORMS
Output
NOTES: A.
The pulse generator has the following characteristics: tw = 25 µs, PRR = 20 kHz, ZO = 50 Ω, tr = tf < 50 ns.
B.
CL includes probe and jig capacitance.
Pulse
Generator
See Note A
CL
(see Note B)
RL
TEST CIRCUIT
Input
VSS
VCC
VDD
VO
Figure 6. Receiver Propagation and Transition Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com