Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75372D Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN75372D
Description  DUAL MOSFET DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75372D Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75372D Datasheet HTML 3Page - Texas Instruments SN75372D Datasheet HTML 4Page - Texas Instruments SN75372D Datasheet HTML 5Page - Texas Instruments SN75372D Datasheet HTML 6Page - Texas Instruments SN75372D Datasheet HTML 7Page - Texas Instruments SN75372D Datasheet HTML 8Page - Texas Instruments SN75372D Datasheet HTML 9Page - Texas Instruments SN75372D Datasheet HTML 10Page - Texas Instruments SN75372D Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SN75372
DUAL MOSFET DRIVER
SLLS025A – JULY 1986
3–8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
driving power MOSFETs
The drive requirements of power MOSFETs are much lower than comparable bipolar power transistors. The
input impedance of a FET consists of a reverse biased PN junction that can be described as a large capacitance
in parallel with a very high resistance. For this reason, the commonly used open-collector driver with a pullup
resistor is not satisfactory for high-speed applications. In Figure 12(a), an IRF151 power MOSFET switching
an inductive load is driven by an open-collector transistor driver with a 470-
Ω pullup resistor. The input
capacitance (Ciss) specification for an IRF151 is 4000 pF maximum. The resulting long turn-on time due to the
combination of Ciss and the pullup resistor is shown in Figure 12(b).
5 V
7
4
8
3
5
1
2
6
TLC555P
1/2 SN75447
470
Ω
48 V
M
t – Time –
µs
(b)
(a)
IRF151
4
3
2
1
0
0
0.5
1
1.5
2
2.5
3
Figure 13. Power MOSFET Drive Using SN75447



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com