Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75436 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75436
Description  QUADRUPLE PERIPHERAL DRIVERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75436 Datasheet(HTML) 1 Page - Texas Instruments

  SN75436 Datasheet HTML 1Page - Texas Instruments SN75436 Datasheet HTML 2Page - Texas Instruments SN75436 Datasheet HTML 3Page - Texas Instruments SN75436 Datasheet HTML 4Page - Texas Instruments SN75436 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SN75436, SN75437A
QUADRUPLE PERIPHERAL DRIVERS
SLRS019A – DECMEBER 1986 – REVISED OCTOBER 1995
Copyright
© 1995, Texas Instruments Incorporated
3–1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Saturating Outputs With Low On-State
Resistance
High-Impedance Inputs Compatible With
CMOS and TTL Levels
Very Low Standby Power . . . 21 mW Max
High-Voltage Outputs . . . 70 V Min
No Power-Up or Power-Down Output Glitch
No Latch-Up Within Recommended
Operating Conditions
Output-Clamp Diodes for Transient
Suppression
2-W Power Package
description
The
SN75436
and
SN75437A
quadruple
peripheral drivers are designed for use in systems
requiring high current, high voltage, and high load
power. Each device features four inverting
open-collector outputs with a common-enable
input that, when taken low, disables all four
outputs. The envelope of 1-V characteristics
exceeds the specifications sufficiently to avoid
high-current latch-up. Applications include driving
relays,
lamps,
solenoids,
motors,
LEDs,
transmission lines, hammers, and other high-
power-demand devices.
The SN75436 and SN75437A are offered in a
16-pin wide-body surface-mount (NE) package
and is characterized for operation over the free-air
temperature of 0
°C to 70°C.
FUNCTION TABLE
(each NAND driver)
INPUTS
OUTPUT
A
G
Y
H
H
L
L
XH
X
L
H
H = high level, L = low level,
X = irrelevant
SELECTION GUIDE
FEATURE
SN75436
SN75437A
UNIT
Maximum recommended output current
0.5
0.5
A
Maximum VOL at maximum IOL
0.5
0.5
V
Maximum recommended output supply
50
35
V
y
voltage in an inductive switching circuit, VS
50
35
V
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1Y
1, 2 D
2Y
3Y
3, 4 D
4Y
1A
2A
G
VCC
3A
4A
(TOP VIEW)
NE PACKAGE
HEAT SINK
AND GND
HEAT SINK
AND GND
logic symbol
EN
CLAMP
3, 4 D
4Y
3Y
1, 2 D
2Y
1Y
9
10
15
16
14
4A
3A
2A
1A
G
7
8
6
2
3
1
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC publication 617-12.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN75436

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75437A TI-SN75437A Datasheet
110Kb / 7P
QUADRUPLE PERIPHERAL DRIVER
SN75437A TI2-SN75437A Datasheet
186Kb / 8P
QUADRUPLE PERIPHERAL DRIVER
REVISED SEPTEMBER 2000
SN75437ANE TI-SN75437ANE Datasheet
110Kb / 7P
QUADRUPLE PERIPHERAL DRIVER
SN75437ANE TI2-SN75437ANE Datasheet
186Kb / 8P
QUADRUPLE PERIPHERAL DRIVER
REVISED SEPTEMBER 2000
SN75437ANE.A TI2-SN75437ANE.A Datasheet
186Kb / 8P
QUADRUPLE PERIPHERAL DRIVER
REVISED SEPTEMBER 2000
More results

Similar Description - SN75436

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55461 TI-SN55461 Datasheet
301Kb / 13P
DUAL PERIPHERAL DRIVERS
SNJ55451BJG TI-SNJ55451BJG Datasheet
150Kb / 9P
DUAL PERIPHERAL DRIVERS
SN75439 TI-SN75439 Datasheet
115Kb / 7P
QUADRUPLE PERIPHERAL DRIVER
SN75437A TI-SN75437A Datasheet
110Kb / 7P
QUADRUPLE PERIPHERAL DRIVER
SN55451B TI-SN55451B_08 Datasheet
557Kb / 20P
DUAL PERIPHERAL DRIVERS
SN75439NE TI-SN75439NE Datasheet
140Kb / 9P
QUADRUPLE PERIPHERAL DRIVER
SN75462DG4 TI-SN75462DG4 Datasheet
517Kb / 16P
DUAL PERIPHERAL DRIVERS
SN75446 TI1-SN75446_08 Datasheet
115Kb / 7P
DUAL PERIPHERAL DRIVERS
SN75476 TI1-SN75476_14 Datasheet
449Kb / 14P
DUAL PERIPHERAL DRIVERS
SN55461 TI1-SN55461_14 Datasheet
539Kb / 17P
DUAL PERIPHERAL DRIVERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com