Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75477P Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75477P
Description  DUAL PERIPHERAL DRIVERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75477P Datasheet(HTML) 2 Page - Texas Instruments

  SN75477P Datasheet HTML 1Page - Texas Instruments SN75477P Datasheet HTML 2Page - Texas Instruments SN75477P Datasheet HTML 3Page - Texas Instruments SN75477P Datasheet HTML 4Page - Texas Instruments SN75477P Datasheet HTML 5Page - Texas Instruments SN75477P Datasheet HTML 6Page - Texas Instruments SN75477P Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SN75476 THRU SN75478
DUAL PERIPHERAL DRIVERS
SLRS025A – DECEMBER 1976 – REVISED NOVEMBER 1995
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
logic symbols†
logic diagrams (positive logic)
† These symbols are in accordance with ANSI/IEEE Std 91-1984
and IEC publication 617-12.
2A
S
1A
7
1
2
GND
CLAMP
2Y
1Y
4
5
6
3
CLAMP
CLAMP
2Y
1Y
7
1
2
2A
S
1A
5
6
3
3
6
5
1A
S
2A
2
1
7
1Y
2Y
CLAMP
CLAMP
3
6
5
4
1Y
2Y
CLAMP
GND
2
1
7
1A
S
2A
2A
S
1A
7
1
2
GND
CLAMP
2Y
1Y
4
5
6
3
CLAMP
CLAMP
2Y
1Y
7
1
2
2A
S
1A
5
6
3
&
&
≥1
SN75476
SN75476
Positive Logic: Y = AS or A+S
SN75477
SN75477
Positive Logic: Y = AS or A+S
SN75478
SN75478
Positive Logic: Y = A+S or A S



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com