Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSM-58261 Datasheet(PDF) 1 Page - China Semiconductor Corporation

Part # CSM-58261
Description  2.3 Inch 5X8 Dot-Matrix Display
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSM-58261 Datasheet(HTML) 1 Page - China Semiconductor Corporation

  CSM-58261 Datasheet HTML 1Page - China Semiconductor Corporation CSM-58261 Datasheet HTML 2Page - China Semiconductor Corporation CSM-58261 Datasheet HTML 3Page - China Semiconductor Corporation CSM-58261 Datasheet HTML 4Page - China Semiconductor Corporation CSM-58261 Datasheet HTML 5Page - China Semiconductor Corporation CSM-58261 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
PRODUCT SPECIFICATION
Descriptions:
2.3 Inch 5X8 Dot-Matrix Display
Dot Pitch 7.62mm
CSM-58261: Column Cathode, Row Anode
Emitting Color: Super Bright Orange & Super Bright Green
CHINA SEMICONDUCTOR CORPORATION
OPTO PLUS TECHNOLOGIES CO.,LTD
Address:2FL. NO.909,Chung-Cheng Road,
Address:696 Shun jiang Rd.,Ji Shan St.Shaoxing,
Chung-Ho City Taipei Hsien,Taiwan.
ZheJiang,China
Tel:886-2-2223-9696
Tel:86-0575-8623888
Fax:886-2-2223-9377
Fax:86-0575-8623112
http://www.csctw.com.tw
APPROVED BY
CHECKED BY
PREPARED BY
CUSTOMER APPROVED
SIGNATURES
PS-ND-08090406
A
Model No CSM-58261VM9


Similar Part No. - CSM-58261

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-58261 CHINASEMI-CSM-58261 Datasheet
230Kb / 6P
2.3 Inch 5X8 Dot-Matrix Display
CSM-58261 CHINASEMI-CSM-58261 Datasheet
231Kb / 6P
2.3 Inch 5X8 Dot-Matrix Display
CSM-58261EG CHINASEMI-CSM-58261EG Datasheet
230Kb / 6P
2.3 Inch 5X8 Dot-Matrix Display
CSM-58261SG CHINASEMI-CSM-58261SG Datasheet
231Kb / 6P
2.3 Inch 5X8 Dot-Matrix Display
More results

Similar Description - CSM-58261

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-58211A9 CHINASEMI-CSM-58211A9 Datasheet
197Kb / 5P
2.3 Inch 5X8 Dot-Matrix Display
CSM-58211G CHINASEMI-CSM-58211G Datasheet
194Kb / 5P
2.3 Inch 5X8 Dot-Matrix Display
CSM-58211S CHINASEMI-CSM-58211S Datasheet
197Kb / 5P
2.3 Inch 5X8 Dot-Matrix Display
CSM-58211V9 CHINASEMI-CSM-58211V9 Datasheet
192Kb / 5P
2.3 Inch 5X8 Dot-Matrix Display
CSM-58231A9 CHINASEMI-CSM-58231A9 Datasheet
206Kb / 5P
2.3 Inch 5X8 Dot-Matrix Display
CSM-58231B7 CHINASEMI-CSM-58231B7 Datasheet
202Kb / 5P
2.3 Inch 5X8 Dot-Matrix Display
CSM-58231E CHINASEMI-CSM-58231E Datasheet
206Kb / 5P
2.3 Inch 5X8 Dot-Matrix Display
CSM-58231M9 CHINASEMI-CSM-58231M9 Datasheet
207Kb / 5P
2.3 Inch 5X8 Dot-Matrix Display
CSM-58231T9 CHINASEMI-CSM-58231T9 Datasheet
208Kb / 5P
2.3 Inch 5X8 Dot-Matrix Display
CSM-58271VM9 CHINASEMI-CSM-58271VM9 Datasheet
234Kb / 6P
2.3 Inch 5X8 Dot-Matrix Display
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com