Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS192 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS192
Description  QUADRUPLE DIFFERENTIAL LINE DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS192 Datasheet(HTML) 2 Page - Texas Instruments

  SN75ALS192 Datasheet HTML 1Page - Texas Instruments SN75ALS192 Datasheet HTML 2Page - Texas Instruments SN75ALS192 Datasheet HTML 3Page - Texas Instruments SN75ALS192 Datasheet HTML 4Page - Texas Instruments SN75ALS192 Datasheet HTML 5Page - Texas Instruments SN75ALS192 Datasheet HTML 6Page - Texas Instruments SN75ALS192 Datasheet HTML 7Page - Texas Instruments SN75ALS192 Datasheet HTML 8Page - Texas Instruments SN75ALS192 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SN75ALS192
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS007D – JULY 1985 – REVISED APRIL 1998
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
logic symbol†
3Y
10
3Z
11
4Y
14
4Z
13
9
3A
15
4A
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
1Y
2
1Z
3
2Y
6
2Z
5
1
1A
7
2A
4
G
12
≥1
G
EN
logic diagram (positive logic)
1
7
12
9
15
2
3
6
5
10
11
14
13
4
1A
2A
3A
4A
G
G
1Y
1Z
2Y
2Z
3Y
3Z
4Y
4Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com