Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75ALS197D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS197D
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS197D Datasheet(HTML) 2 Page - Texas Instruments

  SN75ALS197D Datasheet HTML 1Page - Texas Instruments SN75ALS197D Datasheet HTML 2Page - Texas Instruments SN75ALS197D Datasheet HTML 3Page - Texas Instruments SN75ALS197D Datasheet HTML 4Page - Texas Instruments SN75ALS197D Datasheet HTML 5Page - Texas Instruments SN75ALS197D Datasheet HTML 6Page - Texas Instruments SN75ALS197D Datasheet HTML 7Page - Texas Instruments SN75ALS197D Datasheet HTML 8Page - Texas Instruments SN75ALS197D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SN75ALS197
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS045B – JANUARY 1989 – REVISED MAY 1995
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
logic symbol†
1A
2
1B
1
2A
6
2B
7
3A
10
3B
9
4A
14
4B
15
3
1Y
5
2Y
11
3Y
13
4Y
4
G
12
G
EN
≥ 1
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
logic diagram (positive logic)
4Y
3Y
2Y
1Y
13
11
5
3
4
4B
4A
3B
3A
2B
2A
1B
1A
15
14
9
10
7
6
1
2
12
G
G
schematics of inputs and outputs
EQUIVALENT OF EACH A OR B INPUT
EQUIVALENT OF G OR G INPUTS
EQUIVALENT OF ALL OUTPUTS
GND
VCC
Input
VCC
VCC
Input
GND
3 k
Ω
NOM
18 k
Ω
NOM
300 k
Ω
NOM
2 k
Ω
NOM
VCC (A)
or
GND (B)
GND
22 k
Ω
NOM
Output
50 k
Ω
NOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com