Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS70LT1 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BAS70LT1
Description  CASE 318 08, STYLE 8 SOT 23 (TO 236AB)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BAS70LT1 Datasheet(HTML) 2 Page - Motorola, Inc

  BAS70LT1 Datasheet HTML 1Page - Motorola, Inc BAS70LT1 Datasheet HTML 2Page - Motorola, Inc BAS70LT1 Datasheet HTML 3Page - Motorola, Inc BAS70LT1 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAS70LT1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
100
0
0.1
VF, FORWARD VOLTAGE (VOLTS)
0.2
0.3
0.4
0.5
10
1.0
0.1
85
°C
10
0
VR, REVERSE VOLTAGE (VOLTS)
1.0
0.1
0.01
0.001
5.0
10
15
20
50
1.4
0
VR, REVERSE VOLTAGE (VOLTS)
1.2
0.4
0.2
0
5.0
10
15
50
Figure 1. Typical Forward Voltage
Figure 2. Reverse Current versus Reverse
Voltage
Figure 3. Typical Capacitance
–40
°C
25
°C
TA = 150°C
25
°C
1.0
–55
°C
125
°C
150
°C
100
25
20
0.6
0.8
1.0
0.6
0.7
125
°C
85
°C
30
35
40
45
25
30
35
40
45
0.8
0.9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com