Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTMCA9520 Datasheet(PDF) 1 Page - Central Technologies

Part # CTMCA9520
Description  Multi-layer Chip Antennas
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTMCA9520 Datasheet(HTML) 1 Page - Central Technologies

  CTMCA9520 Datasheet HTML 1Page - Central Technologies CTMCA9520 Datasheet HTML 2Page - Central Technologies CTMCA9520 Datasheet HTML 3Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Multi-layer Chip Antennas
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
04.25.06
SPECIFICATIONS
CTMCA9520F Please specify “F” for RoHS Compliant
Frequency
Part
Range
Peak Gain
Average Gain
Impedance
Number
(MHz)
(XZ-V)
(XZ-V)
VSWR
(
Ω
Ω)
CTMCA9520_-2R4
2400~2500
3.0 dBi typ.
1.0 dBi typ.
2 max.
50
CTMCA9520 Series
Not shown at actual size.
CHARACTERISTICS
Description: Multi-layer Chip Antenna
Features: Monolithic SMD with small, low profile and light weight
type. Wide bandwidth
Applications: 2.4GHz WLAN, Home RF, Bluetooth Modules, etc.
Operating Temperature: -40°C to +85°C
Storage Temperature: -40°C to +85°C
Power Capacity: 3W Max.
Packaging: Tape & Reel
Miscellaneous: RoHS Compliant available.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
Size
A
B
C
D
mm
9.5±0.2
2.0±0.2
1.2+0.1/-0.2
0.5±0.3
inches
0.374±0.008
0.079±0.008
0.047+0.004/-0.008
0.020±0.012
PHYSICAL DIMENSIONS
RoHS
Compliant
Available


Similar Part No. - CTMCA9520

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTMCA1105 CT-CTMCA1105 Datasheet
298Kb / 5P
Multi-layer Chip Antennas
CTMCA1105-R92 CT-CTMCA1105-R92 Datasheet
298Kb / 5P
Multi-layer Chip Antennas
CTMCA3216 CT-CTMCA3216 Datasheet
316Kb / 5P
Multi-layer Chip Antennas
CTMCA3216-2R4 CT-CTMCA3216-2R4 Datasheet
316Kb / 5P
Multi-layer Chip Antennas
CTMCA3216-4R9 CT-CTMCA3216-4R9 Datasheet
316Kb / 5P
Multi-layer Chip Antennas
More results

Similar Description - CTMCA9520

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCBF-P CT-CTCBF-P Datasheet
435Kb / 2P
Chip Beads - Multi-layer
CTMCA1105 CT-CTMCA1105 Datasheet
298Kb / 5P
Multi-layer Chip Antennas
CTMCA3216 CT-CTMCA3216 Datasheet
316Kb / 5P
Multi-layer Chip Antennas
CTMCA5020 CT-CTMCA5020 Datasheet
420Kb / 3P
Multi-layer Chip Antennas
logo
Fair-Rite Products Corp...
2504026017Y0 FAIR-RITE-2504026017Y0 Datasheet
293Kb / 3P
MULTI-LAYER CHIP BEAD
2506030707H0 FAIR-RITE-2506030707H0 Datasheet
277Kb / 3P
MULTI-LAYER CHIP BEAD
2508051017Y0 FAIR-RITE-2508051017Y0 Datasheet
290Kb / 3P
MULTI-LAYER CHIP BEAD
2508059007Y0 FAIR-RITE-2508059007Y0 Datasheet
294Kb / 3P
MULTI-LAYER CHIP BEAD
2512061527Y0 FAIR-RITE-2512061527Y0 Datasheet
301Kb / 3P
MULTI-LAYER CHIP BEAD
logo
Central Technologies
CTMCA5020F CT-CTMCA5020F Datasheet
593Kb / 3P
Multi-layer Chip Antennas
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com