Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTMP2 Datasheet(PDF) 1 Page - Central Technologies

Part # CTMP2
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTMP2 Datasheet(HTML) 1 Page - Central Technologies

  CTMP2 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
08.29.06
PAD LAYOUT
Size
A
B
C
D
Max.
Max.
Max.
Max.
mm
5.88
7.50
1.8
5.2
inches
0.231
0.295
0.071
0.205
SPECIFICATIONS
Parts are available in ±20% tolerance only
CTMP2F Please specify “F” for RoHS Compliant
L Test
Q Test
Isat
DCR
Part
Inductance
OCL
Freq.
Q Fact.
Freq.
Peak
@20°C
Number
(µH)
(µH±20%)
(KHz)
(Typ.)
(KHz)
(A)
(
Ω
Ω Max.)
CTMP2_-R47
.47
0.40
100
10
300
3.4
0.075
CTMP2_-1R0
1.0
1.02
100
20
300
2.1
0.103
CTMP2_-1R5
1.5
1.59
100
25
300
1.7
0.118
CTMP2_-2R2
2.2
2.29
100
32
300
1.4
0.130
CTMP2_-3R3
3.3
3.58
100
42
300
1.1
0.156
CTMP2_-4R7
4.7
4.60
100
46
300
1.0
0.180
CTMP2_-6R8
6.8
7.02
100
46
300
0.8
0.202
CTMP2_-100
10
9.95
100
55
300
0.68
0.240
CTMP2_-150
15
15.30
100
65
300
0.54
0.300
CTMP2_-220
22
21.80
100
65
300
0.45
0.360
CTMP2_-330
33
33.70
100
65
300
0.37
0.556
CTMP2_-470
47
46.40
100
65
300
0.31
0.833
CTMP2 Series
From 0.47 µH to 47 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD Low Profile Power Inductors
Applications: Wireless and hand-held equipment applications
such as PC cards, cellular telephones, pagers, GPS, and disk
drives.
Operating Temperature: -40°C to +85°C
Storage Temperature: -40°C to +125°C
Testing: Inductance & Q is tested on an HP4284A at specified
frequency.
OCL Test Parameters: 100KHz, 0.25 Vrms, 0.0 Adc
Packaging: Bulk pack
Marking: Marked with inductance code
Miscellaneous: RoHS Compliant available.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
RoHS
Compliant
Available


Similar Part No. - CTMP2

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTMP2A CT-CTMP2A Datasheet
198Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CTMP2

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com