Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTRJGU Datasheet(PDF) 2 Page - Central Technologies

Part # CTRJGU
Description  Integrated RJ45 Magnetic Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTRJGU Datasheet(HTML) 2 Page - Central Technologies

  CTRJGU Datasheet HTML 1Page - Central Technologies CTRJGU Datasheet HTML 2Page - Central Technologies CTRJGU Datasheet HTML 3Page - Central Technologies CTRJGU Datasheet HTML 4Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Integrated RJ45 Magnetic Connectors
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
12.07.06
ORDERING INFO
CTRJGU Series
Part
Data
Turns Ratio
LEDs
Insertion Loss
Return Loss 100
Ω
Ω ± 15Ω
Ω
Cross Talk
C.M.R.
Hi-pot
Number
Rate
TX/RX
(L/R)
(dB max.)
(dB min.)
(dB min.)
(dB min)
(Vrms)
1-125MHz
1-30MHz 30-60MHz 60-80MHz
1-30MHz 30-60MHz 60-100MHz
1-60MHz 60-100MHz 60Hz/1min.
CTRJGU27S1GOYNU1033
10/100/1000
1CT:1
GOYN
-1.2
-18
-16
-12
-40
-35
-30
-40
-30
1500
CTRJGU27S1GNGYU1026
10/100/1000
1CT:1
GNGY
-1.2
-18
-16
-12
-40
-35
-30
-40
-30
1500
SCHEMATICS
P8
P5
P4
Shield
P3
P7
P6
P2
P1
J1
J2
J3
J4
J5
J7
J8
J6
P9
P10
0.01uF
0.01uF
0.01uF
0.01uF
1000pF/2KV
75
75
75
75
P7
P5
P4
P3
P6
P2
J1
J2
J3
J4
J5
J7
J8
J6
P8
P9
75
0.1uF
1500pF/2KV
0.1uF
0.1uF
0.1uF
P1
Shield
P10
75
75
75
1033
1026



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com