Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTS1F Datasheet(PDF) 1 Page - Central Technologies

Part # CTS1F
Description  Shielded Inductors - Axial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTS1F Datasheet(HTML) 1 Page - Central Technologies

  CTS1F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shielded Inductors - Axial
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
12.22.05
Size
A
B
C
24 AWG
Typ.
mm
6.60 ± 0.25
2.80 ± 0.25
29.2
0.5110
inches
0.26 ± 0.010
0.110 ± 0.010
1.15
0.02010
PHYSICAL DIMENSIONS
SPECIFICATIONS
Please specify tolerance code when ordering.
CTS1F-R10_
J = ±5%, K = ±10%
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Factor
Freq.
Min.
Max.
DC
Number
(µH)
(MHz)
Min.
(MHz)
(MHz)
(
Ω
Ω)
(mA)
CTS1F-R10_
.10
25
39
25
400
.071
1580
CTS1F-R12_
.12
25
36
25
400
.087
1360
CTS1F-R15_
.15
25
35
25
400
.109
1280
CTS1F-R18_
.18
25
33
25
400
.145
1110
CTS1F-R22_
.22
25
35
25
400
.165
1040
CTS1F-R27_
.27
25
33
25
400
.192
965
CTS1F-R33_
.33
25
33
25
370
.228
885
CTS1F-R39_
.39
25
32
25
348
.259
830
CTS1F-R47_
.47
25
33
25
312
.348
717
CTS1F-R56_
.56
25
30
25
286
.417
655
CTS1F-R68_
.68
25
30
25
262
.580
555
CTS1F-R82_
.82
25
33
25
188
.132
1160
CTS1F-1R0_
1.0
25
35
25
166
.169
1030
CTS1F-1R2_
1.2
7.9
29
7.9
149
.184
985
CTS1F-1R5_
1.5
7.9
29
7.9
136
.26
825
CTS1F-1R8_
1.8
7.9
29
7.9
118
.36
705
CTS1F-2R2_
2.2
7.9
28
7.9
110
.41
664
CTS1F-2R7_
2.7
7.9
32
7.9
94
.55
577
CTS1F-3R3_
3.3
7.9
32
7.9
86
.62
540
CTS1F-3R9_
3.9
7.9
38
7.9
85
.79
475
CTS1F-4R7_
4.7
7.9
38
7.9
79
.91
445
CTS1F-5R6_
5.6
7.9
40
7.9
72
1.15
395
CTS1F-6R8_
6.8
7.9
46
7.9
65
1.73
320
CTS1F-8R2_
8.2
7.9
45
7.9
59
1.96
302
CTS1F-100_
10
7.9
45
7.9
53
2.3
280
CTS1F-120_
12
2.5
40
2.5
60
.55
570
CTS1F-150_
15
2.5
45
2.5
53
.71
500
CTS1F-180_
18
2.5
45
2.5
45.8
1.0
423
CTS1F-220_
22
2.5
45
2.5
42.2
1.09
404
CTS1F-270_
27
2.5
48
2.5
31.0
1.35
364
CTS1F-330_
33
2.5
54
2.5
26.0
1.9
305
CTS1F-390_
39
2.5
54
2.5
24.2
2.1
293
CTS1F-470_
47
2.5
54
2.5
22.0
2.4
271
CTS1F-560_
56
2.5
60
2.5
21.2
2.9
248
CTS1F-680_
68
2.5
55
2.5
19.9
3.2
237
CTS1F-820_
82
2.5
57
2.5
16.8
3.7
219
CTS1F-101_
100
2.5
60
2.5
13.2
4.6
198
CTS1F-121_
120
.79
58
.79
11.0
5.2
184
CTS1F-151_
150
.79
60
.79
9.1
5.9
173
CTS1F-181_
180
.79
60
.79
7.4
7.4
156
CTS1F-221_
220
.79
60
.79
7.2
8.5
145
CTS1F-271_
270
.79
60
.79
6.8
10.0
133
CTS1F-331_
330
.79
60
.79
5.5
13.4
115
CTS1F-391_
390
.79
60
.79
5.1
15.0
109
CTS1F-471_
470
.79
60
.79
5.0
21.0
92
CTS1F-561_
560
.79
60
.79
4.9
23.0
88
CTS1F-681_
680
.79
60
.79
4.6
26.0
82
CTS1F-821_
820
.79
60
.79
4.2
34.0
72
CTS1F-102_
1000
.79
60
.79
4.0
39.0
67
CTS1F Series
From .10 µH to 1,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: Axial leaded molded (shielded) inductor
Applications: Used for high reliability applications. Vital for
telecommunication applications. Ideal for various RF applications
Operating Temperature: -55°C to +105°C
Inductance Tolerance: ±5% & ±10%
Testing: Inductance and Q are tested on an HP4285A at
specified frequency
Packaging: Bulk pack, 1,000 parts per bag,
Tape & Reel, 5,000 parts per reel
Marking: Parts are EIA color banded, which indicates inductance
code and tolerance
Material: Molded epoxy resin over the magnetic core for superior
shielding and reliability
Miscellaneous: RoHS Compliant. Other values available
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
RoHS
Compliant


Similar Part No. - CTS1F

ManufacturerPart #DatasheetDescription
logo
Altech corporation
CTS10U ALTECH-CTS10U Datasheet
508Kb / 4P
FEED-THROUGH 35 or 32mm DIN Rail
logo
List of Unclassifed Man...
CTS122 ETC2-CTS122 Datasheet
140Kb / 1P
TNC STRAIGHT PLUG FOR ECS CABLE 311201 AND 421201
logo
Kemet Corporation
CTS150 KEMET-CTS150 Datasheet
122Kb / 1P
Automatic Testing/Marking Machine for Radial Capacitors
logo
Altech corporation
CTS16U ALTECH-CTS16U Datasheet
508Kb / 4P
FEED-THROUGH 35 or 32mm DIN Rail
logo
Clarke International
CTS17 CLARKE-CTS17 Datasheet
6Mb / 1P
10”(250MM) TABLE SAW
GC0322
More results

Similar Description - CTS1F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTS3F CT-CTS3F Datasheet
321Kb / 1P
Shielded Inductors - Axial
CTS5F CT-CTS5F Datasheet
161Kb / 1P
Shielded Inductors - Axial
logo
Allied Components Inter...
AS20-R10K-RC ALLIED-AS20-R10K-RC Datasheet
805Kb / 1P
Axial Shielded Inductors
AS30-R10K-RC ALLIED-AS30-R10K-RC Datasheet
907Kb / 1P
Axial Shielded Inductors
AS40-R10K-RC ALLIED-AS40-R10K-RC Datasheet
928Kb / 1P
Axial Shielded Inductors
AS50-R10K-RC ALLIED-AS50-R10K-RC Datasheet
956Kb / 1P
Axial Shielded Inductors
AS20-R10K-RC ALLIED-AS20-R10K-RC_10 Datasheet
810Kb / 1P
Axial Shielded Inductors
AS40-R10K-RC ALLIED-AS40-R10K-RC_10 Datasheet
932Kb / 1P
Axial Shielded Inductors
AS50-R10K-RC ALLIED-AS50-R10K-RC_10 Datasheet
961Kb / 1P
Axial Shielded Inductors
AS30 ALLIED-AS30 Datasheet
912Kb / 1P
Axial Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com