Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC970A Datasheet(PDF) 7 Page - Texas Instruments

Part # SN75LBC970A
Description  SCSI DIFFERENTIAL CONVERTER-CONTROL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC970A Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75LBC970A Datasheet HTML 3Page - Texas Instruments SN75LBC970A Datasheet HTML 4Page - Texas Instruments SN75LBC970A Datasheet HTML 5Page - Texas Instruments SN75LBC970A Datasheet HTML 6Page - Texas Instruments SN75LBC970A Datasheet HTML 7Page - Texas Instruments SN75LBC970A Datasheet HTML 8Page - Texas Instruments SN75LBC970A Datasheet HTML 9Page - Texas Instruments SN75LBC970A Datasheet HTML 10Page - Texas Instruments SN75LBC970A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SN75LBC970A
SCSI DIFFERENTIAL CONVERTER-CONTROL
SLLS215B – MAY 1995 – REVISED JANUARY 1999
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Disabled
RESET at 0.8 V,
All others open
27
36
ICC
Supply current
All A-side to B-side
channels enabled
TEST and RSTFLTR at 2 V
RESET at 0.8 V,
All other inputs open, no load
72
94
mA
All B-side to A-side
channels enabled
TEST at 2 V, RESET and
RSTFLTR at 0.8 V,
All other inputs open,
No load
38
50
Co
Bus output capacitance
B side to GND,
VI = 0.6 sin(2π 106 t)+ 1.5 V
19
21
pF
C d
Power dissipation capacitance (see Note 3)
B side to A side, one channel
100
pF
Cpd
Power dissipation capacitance (see Note 3)
A side to B side, one channel
450
pF
† All typical values are at VCC = 5 V, TA = 25 °C.
NOTE 3: Cpddeterminestheno-loaddynamiccurrentconsumption,IS = Cpd × VCC × f + ICC (ICC depends upon the output states and load circuits
and is not necessarily the same ICC as specified in the electrical tables).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com