Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTS5F Datasheet(PDF) 1 Page - Central Technologies

Part # CTS5F
Description  Shielded Inductors - Axial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTS5F Datasheet(HTML) 1 Page - Central Technologies

  CTS5F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shielded Inductors - Axial
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
12.27.05
Size
A
B
C
22 AWG
Max.
Max.
Typ.
mm
11.4 ± 0.25
3.81 ± 0.25
29.2
0.6430
inches
0.45 ± 0.010
0.15 ± 0.010
1.15
0.02535
PHYSICAL DIMENSIONS
SPECIFICATIONS
L Test
Q
Q Test
SRF
DCR
Rated
Part
Inductance
Freq.
Factor
Freq.
Min.
Max.
DC
Number
(µH)
(MHz)
Min.
(MHz)
(MHz)
(
Ω
Ω)
(mA)
CTS5F-1R0_
1.0
7.9
55
7.9
200
.05
2200
CTS5F-2R5_
2.5
7.9
45
7.9
115
.08
1700
CTS5F-5R0_
5.0
7.9
35
7.9
90
.12
1400
CTS5F-100_
10
2.5
65
2.5
55
.42
770
CTS5F-250_
25
2.5
55
2.5
35
.80
560
CTS5F-500_
50
2.5
60
2.5
27
1.50
400
CTS5F-101_
100
2.5
70
2.5
20
3.10
280
CTS5F Series
From 1 µH to 100 µH
Not shown at actual size.
CHARACTERISTICS
Description: Axial leaded molded (shielded) inductor
Applications: Used for high reliability applications. Vital for
telecommunication applications. Ideal for various RF applications
Operating Temperature: -55°C to +105°C
Inductance Tolerance: ±5% & ±10%
Testing: Inductance and Q are tested on an HP4285A at
specified frequency
Packaging: Bulk pack, 500 parts per bag,
Tape & Reel, 2,500 parts per reel
Current Rating: Based on .33 watt power dissipation for
approximately 20°C temperature rise
Marking: Printed with inductance code
Miscellaneous: RoHS Compliant.
Testing: Inductance is measured on an HP4285A at 1 kHz
Leads: Soft copper and pre-tinned
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
Please specify tolerance code when ordering.
CTS5F-1R0_
J = ±5%, K = ±10%
RoHS
Compliant


Similar Part No. - CTS5F

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CTS5078 FILTRAN-CTS5078 Datasheet
38Kb / 1P
T1/CEPT Current Compensated Quad Choke
logo
Toshiba Semiconductor
CTS520 TOSHIBA-CTS520 Datasheet
134Kb / 5P
Schottky Barrier Diode Silicon Epitaxial
CTS521 TOSHIBA-CTS521 Datasheet
140Kb / 5P
Schottky Barrier Diode Silicon Epitaxial
logo
List of Unclassifed Man...
CTS522 ETC2-CTS522 Datasheet
131Kb / 1P
TNC STRAIGHT PLUG FOR ECS CABLE 432101 AND 532101
More results

Similar Description - CTS5F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTS1F CT-CTS1F Datasheet
160Kb / 1P
Shielded Inductors - Axial
CTS3F CT-CTS3F Datasheet
321Kb / 1P
Shielded Inductors - Axial
logo
Allied Components Inter...
AS20-R10K-RC ALLIED-AS20-R10K-RC Datasheet
805Kb / 1P
Axial Shielded Inductors
AS30-R10K-RC ALLIED-AS30-R10K-RC Datasheet
907Kb / 1P
Axial Shielded Inductors
AS40-R10K-RC ALLIED-AS40-R10K-RC Datasheet
928Kb / 1P
Axial Shielded Inductors
AS50-R10K-RC ALLIED-AS50-R10K-RC Datasheet
956Kb / 1P
Axial Shielded Inductors
AS20-R10K-RC ALLIED-AS20-R10K-RC_10 Datasheet
810Kb / 1P
Axial Shielded Inductors
AS40-R10K-RC ALLIED-AS40-R10K-RC_10 Datasheet
932Kb / 1P
Axial Shielded Inductors
AS50-R10K-RC ALLIED-AS50-R10K-RC_10 Datasheet
961Kb / 1P
Axial Shielded Inductors
AS30 ALLIED-AS30 Datasheet
912Kb / 1P
Axial Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com