Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC971A Datasheet(PDF) 4 Page - Texas Instruments

Part # SN75LBC971A
Description  SCSI DIFFERENTIAL CONVERTER-DATA
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC971A Datasheet(HTML) 4 Page - Texas Instruments

  SN75LBC971A Datasheet HTML 1Page - Texas Instruments SN75LBC971A Datasheet HTML 2Page - Texas Instruments SN75LBC971A Datasheet HTML 3Page - Texas Instruments SN75LBC971A Datasheet HTML 4Page - Texas Instruments SN75LBC971A Datasheet HTML 5Page - Texas Instruments SN75LBC971A Datasheet HTML 6Page - Texas Instruments SN75LBC971A Datasheet HTML 7Page - Texas Instruments SN75LBC971A Datasheet HTML 8Page - Texas Instruments SN75LBC971A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SN75LBC971A
SCSI DIFFERENTIAL CONVERTER-DATA
SLLS186B – OCTOBER 1994 – REVISED JULY 1997
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
schematics of inputs and outputs
22 k
Ω
200
Ω
Input
VCC
RESET, AND DSENS
50 k
Ω
200
Ω
Input
VCC
SDB AND DRVBUS
200
Ω
Input
VCC
A
3 k
Ω
12 k
Ω
1 k
Ω
100 k
Ω
(B – Pin Only)
100 k
Ω
(B + Pin Only)
18 k
Ω
VCC
Input
B + AND B –
VCC
Output
100 k
Ω
(B – Pin Only)
100 k
Ω
(B + Pin Only)
3 k
Ω
12 k
Ω
VCC
Output
A
B + AND B –
4 mA
1 k
Ω
18 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com