Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSS-517A9 Datasheet(PDF) 2 Page - China Semiconductor Corporation

Part # CSS-517A9
Description  0.52 Inch Single Digit Display
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINASEMI [China Semiconductor Corporation]
Direct Link  
Logo CHINASEMI - China Semiconductor Corporation

CSS-517A9 Datasheet(HTML) 2 Page - China Semiconductor Corporation

  CSS-517A9 Datasheet HTML 1Page - China Semiconductor Corporation CSS-517A9 Datasheet HTML 2Page - China Semiconductor Corporation CSS-517A9 Datasheet HTML 3Page - China Semiconductor Corporation CSS-517A9 Datasheet HTML 4Page - China Semiconductor Corporation CSS-517A9 Datasheet HTML 5Page - China Semiconductor Corporation CSS-517A9 Datasheet HTML 6Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Features -
1. 0.52 inch (13.2mm) digit height.
3. RoHS compliant.
4. Low power consumption.
5. Easy mounting on P.C. board or socket.
Device Selection Guide -
Mechanical Dimensions -
Page
1/5
CSS-516A9
Model No.
CSS-517A9
2. Case mold type.
Model No CSS-516A9/517A9
AlGaInP
Super Bright Amber Common Cathode
Description
http://www.csctw.com.tw
Material
Emitted Color
Chip
Super Bright Amber
Common Anode
AlGaInP
PS-ND-0807
A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com