Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTSLF1265 Datasheet(PDF) 1 Page - Central Technologies

Part # CTSLF1265
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTSLF1265 Datasheet(HTML) 1 Page - Central Technologies

  CTSLF1265 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
07.03.07
Size
A
B
C
D
E
F
Typ.
Typ.
Typ.
mm
12.5±0.3
12.5±0.3
6.5±0.35
8.6
2.0
3.0
inches 0.49±0.012
0.49±0.012
0.26±0.014
0.339
0.079
0.118
PHYSICAL DIMENSIONS
PAD LAYOUT
XXX
Marking
(Inductance code)
A
B
C
F
D
E
SPECIFICATIONS
Part numbers are marked to indicate tolerance available.
M = ±20% , N = ±30%
CTSLF1265TF Please specify “F” for RoHS compliant
L Test
DCR
Rated
Itemp
Part
Inductance
Freq.
±20%
Current
Max.
Number
(µH)
(kHz)
(
Ω
Ω)
(A)
(A)
CTSLF1265T_-2R0N
2.0
1.0
0.0117
10
6.2
CTSLF1265T_-4R2N
4.2
1.0
0.0150
7.3
5.5
CTSLF1265T_-7R0N
7.0
1.0
0.0177
5.7
5.0
CTSLF1265T_-100M
10
1.0
0.0202
5.0
4.8
CTSLF1265T_-150M
15
1.0
0.0237
4.2
4.4
CTSLF1265T_-220M
22
1.0
0.0316
3.5
3.8
CTSLF1265T_-330M
33
1.0
0.0406
2.8
3.4
CTSLF1265T_-470M
47
1.0
0.0578
2.4
2.8
CTSLF1265T_-680M
68
1.0
0.0787
2.0
2.4
CTSLF1265T_-101M
100
1.0
0.1230
1.6
1.9
CTSLF1265T_-221M
220
1.0
0.2730
1.0
1.2
CTSLF1265 Series
From 2.0 µH to 220 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (shielded) power inductor
Applications: For power source circuits, low profile type DC to
DC converters, DC to AC inverters, portable telephones, hard disk
drives etc.
Operating Temperature: -40°C to +85°C
Inductance Tolerance: ±20% & ±30%
Testing: Inductance is tested on an HP4284A at 1.0 kHz,0.5V
Rated Current: Value obtained when DC current flows and the
initial value of inductance has fallen by 10%
Itemp Current: Value obtained when current flows and the
temperature has risen to 40°C
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant available. Magnetically shielded
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.


Similar Part No. - CTSLF1265

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTSLF1265F CT-CTSLF1265F Datasheet
101Kb / 1P
Power Inductors - Shielded
REV 02.23.18
CTSLF1265TF-100M CT-CTSLF1265TF-100M Datasheet
101Kb / 1P
Power Inductors - Shielded
REV 02.23.18
CTSLF1265TF-101M CT-CTSLF1265TF-101M Datasheet
101Kb / 1P
Power Inductors - Shielded
REV 02.23.18
CTSLF1265TF-150M CT-CTSLF1265TF-150M Datasheet
101Kb / 1P
Power Inductors - Shielded
REV 02.23.18
CTSLF1265TF-220M CT-CTSLF1265TF-220M Datasheet
101Kb / 1P
Power Inductors - Shielded
REV 02.23.18
More results

Similar Description - CTSLF1265

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com