Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTTF0201F Datasheet(PDF) 1 Page - Central Technologies

Part # CTTF0201F
Description  Thin Film Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTTF0201F Datasheet(HTML) 1 Page - Central Technologies

  CTTF0201F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Thin Film Chip Inductors
ctparts.com
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2008 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
TECHNOLOGIES
09.12.08
L Test
Q Test
DCR
Rated DC
SRF
Part
Inductance
Freq.
Q
Freq.
Max.
Max.
Min.
Number
(nH)
(MHz)
Min.
(MHz)
(
Ω
Ω)
(mA)
(GHz)
CTTF0201F-0N1_**
0.1
500
8
500
0.2
400
9
CTTF0201F-0N2_**
0.2
500
8
500
0.2
400
9
CTTF0201F-0N3_**
0.3
500
8
500
0.2
400
9
CTTF0201F-0N4_**
0.4
500
8
500
0.25
350
9
CTTF0201F-0N5_**
0.5
500
8
500
0.25
350
9
CTTF0201F-0N6_**
0.6
500
8
500
0.25
350
9
CTTF0201F-0N7_**
0.7
500
8
500
0.3
300
9
CTTF0201F-0N8_**
0.8
500
8
500
0.3
300
9
CTTF0201F-0N9_**
0.9
500
8
500
0.3
300
9
CTTF0201F-1N0_**
1.0
500
8
500
0.3
300
9
CTTF0201F-1N1_**
1.1
500
8
500
0.35
300
9
CTTF0201F-1N2_**
1.2
500
8
500
0.35
300
9
CTTF0201F-1N3_**
1.3
500
8
500
0.45
250
9
CTTF0201F-1N4_**
1.4
500
8
500
0.45
250
9
CTTF0201F-1N5_**
1.5
500
8
500
0.45
250
9
CTTF0201F-1N6_**
1.6
500
8
500
0.55
200
9
CTTF0201F-1N7_**
1.7
500
8
500
0.55
200
9
CTTF0201F-1N8_**
1.8
500
8
500
0.55
200
9
CTTF0201F-1N9_**
1.9
500
8
500
0.55
200
9
CTTF0201F-2N0_**
2.0
500
8
500
0.7
200
8
CTTF0201F-2N1_**
2.1
500
8
500
0.7
200
8
CTTF0201F-2N2_**
2.2
500
8
500
0.7
200
8
CTTF0201F-2N3_**
2.3
500
8
500
0.8
150
8
CTTF0201F-2N4_**
2.4
500
8
500
0.8
150
8
CTTF0201F-2N5_**
2.5
500
8
500
0.8
150
8
CTTF0201F-2N6_**
2.6
500
8
500
0.8
150
8
CTTF0201F-2N7_**
2.7
500
8
500
0.8
150
8
CTTF0201F-2N8_**
2.8
500
8
500
1.0
150
6
CTTF0201F-2N9_**
2.9
500
8
500
1.0
150
6
CTTF0201F-3N0_**
3.0
500
8
500
1.0
150
6
CTTF0201F-3N1_**
3.1
500
8
500
1.0
150
6
CTTF0201F-3N2_**
3.2
500
8
500
1.0
150
6
CTTF0201F-3N3_**
3.3
500
8
500
1.0
150
6
CTTF0201F-3N4_**
3.4
500
8
500
1.2
150
6
CTTF0201F-3N5_**
3.5
500
8
500
1.2
150
6
CTTF0201F-3N6_**
3.6
500
8
500
1.2
150
6
CTTF0201F-3N7_**
3.7
500
8
500
1.2
150
6
CTTF0201F-3N9_**
3.9
500
8
500
1.2
150
6
CTTF0201F-4N7_**
4.7
500
8
500
1.4
130
6
CTTF0201F-5N6_*
5.6
500
8
500
1.8
130
4
CTTF0201F-6N8_*
6.8
500
8
500
2.3
110
4
CTTF0201F-8N2_*
8.2
500
8
500
3.0
110
3
CTTF0201F-10N_*
10
500
8
500
3.5
80
2
CTTF0201F Series
From 0.1 nH to 10 nH
Not shown at actual size.
CHARACTERISTICS
Description: SMD thin film chip inductors
Applications: Cellular Telephone, pagers, GPS products,
wireless LAN and other communication appliances, VCO, TCXO
circuit and RF Transceiver Module
Operating Temperature: -40°C to +85°C
Inductance Tolerance: ±0.1nH, ±0.2nH, ±0.3nH, ±2%, ±5%
Testing: Tested on a HP4287A at 500 MHz
Packaging: Tape & Reel
Miscellaneous: RoHS Compliant.
Marking: Reels are marked with inductance code and tolerance
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
Size
A
B
C
D
mm
0.60 ± 0.05
0.30 ± 0.05
0.23 ± 0.05
0.15 ± 0.05
inches
0.02 ± 0.002
0.01 ± 0.002
0.009 ± 0.002
0.006 ± 0.002
PHYSICAL DIMENSIONS
CONSTRUCTION
SPECIFICATIONS
Please specify tolerance code when ordering.
CTTF0201F-0N2_
B = ±0.1nH, C = ±0.2nH, S = ±0.3nH, G = ±2%, J = ±5%
* = G or J only
** = B, C, or S only
RoHS
Compliant


Similar Part No. - CTTF0201F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTTF0201HCF CT-CTTF0201HCF Datasheet
239Kb / 1P
From 0.1nH to 4.0nH
CTTF0201HCF-0N1 CT-CTTF0201HCF-0N1 Datasheet
239Kb / 1P
From 0.1nH to 4.0nH
CTTF0201HCF-0N2 CT-CTTF0201HCF-0N2 Datasheet
239Kb / 1P
From 0.1nH to 4.0nH
CTTF0201HCF-0N3 CT-CTTF0201HCF-0N3 Datasheet
239Kb / 1P
From 0.1nH to 4.0nH
CTTF0201HCF-0N4 CT-CTTF0201HCF-0N4 Datasheet
239Kb / 1P
From 0.1nH to 4.0nH
More results

Similar Description - CTTF0201F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL731ETTP KOA-KL731ETTP Datasheet
112Kb / 7P
Thin Film Chip Inductors
KL731JT KOA-KL731JT Datasheet
123Kb / 7P
Thin Film Chip Inductors
KL732AT KOA-KL732AT Datasheet
114Kb / 7P
Thin Film Chip Inductors
KL731HT KOA-KL731HT Datasheet
130Kb / 9P
Thin Film Chip Inductors
logo
Central Technologies
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
Thin Film Chip Inductors
CTTF0603F CT-CTTF0603F Datasheet
168Kb / 1P
Thin Film Chip Inductors
logo
NIC-Components Corp.
NTL NIC-NTL Datasheet
170Kb / 4P
Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
Thin Film Chip Inductors
10-Aug-06
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
Thin Film Chip Inductors
10-Aug-06
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com