Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAFE1040 Datasheet(PDF) 2 Page - Texas Instruments

Part # TAFE1040
Description  3 V, 10-BIT 42 MSPS, AREA CCD ANALOG FRONT-END
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAFE1040 Datasheet(HTML) 2 Page - Texas Instruments

  TAFE1040 Datasheet HTML 1Page - Texas Instruments TAFE1040 Datasheet HTML 2Page - Texas Instruments TAFE1040 Datasheet HTML 3Page - Texas Instruments TAFE1040 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TAFE1040
3 V, 10-BIT 42 MSPS, AREA CCD ANALOG FRONT-END
SLVS284 – FEBRUARY 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGE DEVICES
TA
TQFP
(PFB)
–20
°C to 75°C
TAFE1040CPFB
functional block diagram
Offset
Regulator
8-Bit
DAC
Σ
PGA
PGA
Regulator
Offset
Regulator
8-Bit
DAC
Σ
10-Bit
DAC
Optical
Black
Pixel Limits
Digital
Averager/
Filter
10
8-Bit
DAC
DAC
Reg
8-Bit
DAC
DAC
Reg
Timing
and
Control
Logic
Serial
Port
Three
State
Latch
CDS
CLAMP
Internal Reference
1.2 V Reference
CLAMP
CLREF
AVDD1–5
AGND1–5
VSS
TPP TPM
RPD
RBD
RMD
DVDD
DIVDD
OE
D0
D9
RESET
CLK
SV
SR
BLKG
OBCLP
STBY
SCKP
CS
SCLK
SDIN
DIGND
DGND
DIN
DACO1
DACO2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com