Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2270 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2270
Description  Bandpass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2270 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2270 Datasheet HTML 1Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bandpass
Filter
KR Model
2270
KR Part Number
2270
Filter Type
Bandpass
Insertion Loss at 36 MHz
<2 dB ( 1 dB typ)
25 MHz
>25 dB
30 MHz
< 3 dB
36 MHz
Ref
42 MHz
< 3 dB
52 MHz
>25 dB
Source and Load Impedance
75
Ω
All Dimensions Shown in inches
Specifications
Passband Amplitude & Group Delay
Overall Amplitude
Outline Drawing
KR Electronics
www.krfilters.com
91 Avenel Street
Avenel, NJ 07001
732-636-1900


Similar Part No. - 2270

ManufacturerPart #DatasheetDescription
logo
Coto Technology
2270 COTO-2270 Datasheet
375Kb / 2P
2270 SERIES REED RELAYS FOR -40C TO 125C
logo
Festo Corporation.
2270 FESTO-2270 Datasheet
90Kb / 1P
Roller lever valve
4/8/22
logo
Adafruit Industries
2270 ADAFRUIT-2270 Datasheet
268Kb / 3P
IDC Breakout Helper - 2x20 (40 pin)
11/27/2015
logo
Bernstein-Werkzeugfabri...
2270 BERNSTEIN-2270 Datasheet
2Mb / 2P
CARAT AND ACCENT
logo
List of Unclassifed Man...
2270-2 ETC2-2270-2 Datasheet
336Kb / 1P
SWAGE THREADED STANDOFFS
More results

Similar Description - 2270

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com