Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2299 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2299
Description  Video Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2299 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2299 Datasheet HTML 1Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Video
Filter
KR 2299
KR Part Number
2299
Filter Type
Video Lowpass
Insertion Loss
< 1 dB
End of Passband
5.5 MHz
Passband Ripple to 5.5 MHz
< ± 0.1 dB
Loss at 6 MHz
< 0.3 dB
Start of Stopband >30 dB
7.16 MHz
Start of Stopband >50 dB
9 MHz
Group Delay Ripple to 5.5 MHz
< 15 nsec
Impedance
75
Ω
Metal Case
Dimensions in mm
Specifications
Overall Amplitude
Overall Amplitude
Outline Drawing
KR Electronics
www.krfilters.com
91 Avenel Street
Avenel, NJ 07001
732-636-1900


Similar Part No. - 2299

ManufacturerPart #DatasheetDescription
logo
Heyco.
2299 HEYCO-2299 Datasheet
105Kb / 1P
Universal Bushings
logo
KR Electronics, Inc.
2299-S KR-2299-S Datasheet
16Kb / 1P
Video Filter
logo
PHOENIX CONTACT
2299013 PHOENIX-2299013 Datasheet
109Kb / 5P
UM 45-FLK14/ZFKDS
2299026 PHOENIX-2299026 Datasheet
109Kb / 5P
UM 45-FLK14/ZFKDS
2299039 PHOENIX-2299039 Datasheet
109Kb / 5P
UM 45-FLK14/ZFKDS
More results

Similar Description - 2299

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2124SMD KR-2124SMD Datasheet
22Kb / 2P
Video Filter
2299-S KR-2299-S Datasheet
16Kb / 1P
Video Filter
2304 KR-2304 Datasheet
22Kb / 1P
Video Filter
2304-F KR-2304-F Datasheet
23Kb / 2P
Video Filter
2311 KR-2311 Datasheet
19Kb / 1P
Video Filter
2338 KR-2338 Datasheet
20Kb / 1P
Video Filter
2378 KR-2378 Datasheet
18Kb / 1P
Video Filter
2390 KR-2390 Datasheet
18Kb / 1P
Video Filter
2411 KR-2411 Datasheet
26Kb / 2P
Video Filter
2506 KR-2506 Datasheet
22Kb / 2P
Video Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com