Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2411 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2411
Description  Video Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2411 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2411 Datasheet HTML 1Page - KR Electronics, Inc. 2411 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2002, KR Electronics, Inc.
CH1
MEM
log MAG
.1 dB/
REF -.7 dB
START
.100 000 MHz
STOP
4.000 000 MHz
PC?
PC?
C?
CH2
MEM
delay
REF 510 ns
20 ns/
PC?
PC?
Smo
21 Mar 2002 12:53:15
1
2
CH1
MEM
log MAG
10 dB/
REF -.6 dB
START
.100 000 MHz
STOP 12.000 000 MHz
C?
PRm
21 Mar 2002 12:54:35
KR 2411 VIDEO FILTER
KR 2411 is a video lowpass filter. The filter
has a 3.9 MHz passband and group delay
equalization. The filter is suitable
for surface mount. Other passband
frequencies are available. Please
consult the factory.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• Anti-Aliasing filter
• Elliptic response
• Group delay equalization
• Surface mount
• 75 Ω
Typical Performance
www.krfilters.com
Figure 1
Passband Amplitude & Group Delay
(0.1 dB/div & 20 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Figure 2
Overall Response
(10 dB/div)


Similar Part No. - 2411

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2411 POMONA-2411 Datasheet
27Kb / 1P
Size B Aluminum Box With Cover Type N Male To Female
logo
Heyco.
2411 HEYCO-2411 Datasheet
105Kb / 1P
Dome Plugs
logo
ASSUN MOTOR Pte Ltd.
2411 ASSUN-2411 Datasheet
242Kb / 1P
STANDARD SERIES
2023-A
2411 ASSUN-2411 Datasheet
583Kb / 1P
SPEED DRIVER INTEGRATED SERIES
2023-A
2411 ASSUN-2411 Datasheet
311Kb / 1P
HIGH TEMPERATURE SERIES
2023-A
More results

Similar Description - 2411

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2124SMD KR-2124SMD Datasheet
22Kb / 2P
Video Filter
2299 KR-2299 Datasheet
16Kb / 1P
Video Filter
2299-S KR-2299-S Datasheet
16Kb / 1P
Video Filter
2304 KR-2304 Datasheet
22Kb / 1P
Video Filter
2304-F KR-2304-F Datasheet
23Kb / 2P
Video Filter
2311 KR-2311 Datasheet
19Kb / 1P
Video Filter
2338 KR-2338 Datasheet
20Kb / 1P
Video Filter
2378 KR-2378 Datasheet
18Kb / 1P
Video Filter
2390 KR-2390 Datasheet
18Kb / 1P
Video Filter
2506 KR-2506 Datasheet
22Kb / 2P
Video Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com