Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM320AC37 Datasheet(PDF) 2 Page - Texas Instruments

Part # TCM320AC37
Description  VOICE-BAND AUDIO PROCESSORS VBAPE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM320AC37 Datasheet(HTML) 2 Page - Texas Instruments

  TCM320AC37 Datasheet HTML 1Page - Texas Instruments TCM320AC37 Datasheet HTML 2Page - Texas Instruments TCM320AC37 Datasheet HTML 3Page - Texas Instruments TCM320AC37 Datasheet HTML 4Page - Texas Instruments TCM320AC37 Datasheet HTML 5Page - Texas Instruments TCM320AC37 Datasheet HTML 6Page - Texas Instruments TCM320AC37 Datasheet HTML 7Page - Texas Instruments TCM320AC37 Datasheet HTML 8Page - Texas Instruments TCM320AC37 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TCM320AC36, TCM320AC37
VOICE-BAND AUDIO PROCESSORS (VBAP
™)
SLWS003C – MAY 1992 – REVISED APRIL – 1998
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description
The TCM320AC36 and TCM320AC37 voice-band audio processor (VBAP) integrated circuits are designed to
perform the transmit encoding (A /D conversion) and receive decoding (D/A conversion) together with transmit
and receive filtering for voice-band communications systems. Cellular telephone systems are targeted in
particular; however, these integrated circuits can function in other systems including digital audio,
telecommunications, and data acquisition.
These devices are pin-selectable for either of two modes, companded and linear, providing data in two formats.
In the companded mode, data is transmitted and received in 8-bit words. In the linear mode, 13 bits of data, and
either three bits of gain-setting control data, or three zero bits of padding to create a 16-bit word, are sent and
received.
The transmit section is designed to interface directly with an electret microphone element. The microphone input
signal (MICIN) is buffered and amplified, with provision for setting the amplifier gain to accommodate a range
of signal input levels. The amplified signal is passed through antialiasing and band-pass filters. The filtered
signal is then applied to the input of a compressing analog-to-digital converter (COADC) when companded
mode is selected. Otherwise, the analog-to-digital converter performs a linear conversion. The resulting data
is then clocked out of DOUT as a serial data stream.
The receive section takes a frame of serial data on DIN and converts it to analog through an expanding
digital-to-analog converter (EXDAC) when the companded mode is selected; otherwise, a linear conversion is
performed. The analog signal then passes through switched capacitor filters, which provide out-of-band
rejection, (sin x)/x correction functions, and smoothing. The filtered signal is sent to the earphone amplifier. The
earphone amplifier has a differential output with adjustable gain and is designed to minimize static power
dissipation.
A single on-chip high-precision band-gap circuit generates all voltage references, eliminating the need for
external reference voltages. An internal reference voltage equal to VCC/2, VMID, is used to develop the midlevel
virtual ground for all the amplifier circuits and the microphone bias circuit. Another reference voltage, MICBIAS,
can supply bias current for the microphone.
The TCM320AC3xC devices are characterized for operation from 0
°C to 70°C. The TCM320AC3xI devices are
characterized for operation from – 40
°C to 85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com