Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDA41 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HDA41
Description  36-72VDC INPUT RANGE DC-DC PCB OPEN FRAME MULTI-OUTPUT 40-50 WATTS INTERNAL SWITCHING POWER CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HDA41 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HDA41 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HDA41 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-68-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 170.0g (6.00 Oz.)
DUAL OUTPUT
MAIN VO1 @
AUX. VO2 †
MODEL NO.
Typ.
Volt.
Max.
Typ.
Volt.
Max.
Peak
HDA41-48B-D050I
4.0A
+5.0V
5.0A
2.0A
+12V
3.0A
4.0A
HDA41-48B-D033E
5.0A
+3.3V
6.0A
5.0A
+5V
6.0A
6.0A
TRIPLE OUTPUT
MAIN VO1 @
AUX. VO2 †
AUX. VO3 •
MODEL NO.
Typ.
Volt.
Max.
Typ.
Volt.
Max.
Peak
Typ.
Volt.
Max.
HDA41-48B-T050II
4.0A
+5.0V
5.0A
2.0A
+12V
3.0A
4.0A
0.2A
-12V
1.0A
HDA41-48B-T033EI
5.0A
+3.3V
6.0A
5.0A
+5V
6.0A
6.0A
0.2A
-12V
1.0A
Symbol: " " OVP built-in. "@" Adjustable. "†" Stacked on main output. "•" Installed with Post Regulator (PR).
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
DC INPUT
DUAL OUTPUT
TRIPLE OUTPUT
ASSIGNMENT
+Vin
-Vin
Gnd.
VO1
VO2
NC
DC COM
VO1
VO2
VO3
DC COM
CNTR & PIN #
P1-1
P1-2
GND
P2-2,3
P2-1
P2-6
P2-4,5
P2-2,3
P2-1
P2-6
P2-4,5
Mating connector: Molex 5195 or 5239 series.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com