Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM29C16ADW Datasheet(PDF) 21 Page - Texas Instruments

Part # TCM29C16ADW
Description  COMBINED SINGLE-CHIP PCM CODEC AND FILTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM29C16ADW Datasheet(HTML) 21 Page - Texas Instruments

Back Button TCM29C16ADW Datasheet HTML 17Page - Texas Instruments TCM29C16ADW Datasheet HTML 18Page - Texas Instruments TCM29C16ADW Datasheet HTML 19Page - Texas Instruments TCM29C16ADW Datasheet HTML 20Page - Texas Instruments TCM29C16ADW Datasheet HTML 21Page - Texas Instruments TCM29C16ADW Datasheet HTML 22Page - Texas Instruments TCM29C16ADW Datasheet HTML 23Page - Texas Instruments TCM29C16ADW Datasheet HTML 24Page - Texas Instruments TCM29C16ADW Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
TCM29C13A, TCM29C14A, TCM29C16A, TCM29C17A,
TCM129C13A, TC,129C14A, TCM129C16A, TCM129C17A
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
SCTS030E – AUGUST 1989 – REVISED OCTOBER 1996
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
variable-data-rate timing
Variable-data-rate timing is selected by connecting DCLKR to the bit clock for the receive PCM highway rather
than to VBB. It uses master clocks CLKX and CLKR, bit clocks DCLKX and DCLKR, and frame-synchronization
clocks FSX and FSR.
Variable-data-rate timing allows for a flexible data frequency. The frequency of the bit clocks can be varied from
64 kHz to 2.048 MHz. Master clocks in the TCM129C13A, TCM129C14A, TCM29C13A, and TCM29C14A are
restricted to frequencies of operation of 1.536 MHz, 1.544 MHz, or 2.048 MHz as in the fixed-data-rate timing
mode. The master clock for the TCM129C16A, TCM129C17A, TCM29C16A, and TCM29C17A is restricted to
2.048 MHz.
When the FSX/TSXE is high, PCM data is transmitted from PCM OUT onto the highway on the next eight
consecutive positive transitions of DCLKX. Similarly, while the FSR/TSRE input is high, the PCM word is
received from the highway by PCM IN on the next eight consecutive negative transitions of DCLKR.
The transmitted PCM word is repeated in all remaining time slots in the 125-
µs frame as long as DCLKX is pulsed
and FSX is held high. This feature, which allows the PCM word to be transmitted to the PCM highway more than
once per frame if desired, is available only with variable-data-rate timing. Signaling is allowed only in the
fixed-data-rate mode because the variable-data-rate mode provides no means with which to specify a signaling
frame.
signaling
Only the TCM29C14A provides 8th-bit signaling in the fixed-data-rate timing mode. Transmit and receive
signaling frames are independent of each other and are selected by a double-width frame-sync pulse on the
appropriate channel. During a transmit signaling frame, the signal present on SIGX is substituted for the least
significant bit (LSB) of the encoded PCM word. In a receive signaling frame, the codec decodes the seven most
significant bits in accordance with CCITT G.733 recommendations and outputs the logical state of the LSB on
SIGR until it is updated in the next signaling frame. Timing relationships for signaling operations are shown in
Figure 8. The signaling path is used to transmit digital signaling information such as ring control, rotary dial
pulses, and off-hook and disconnect supervision. The voice path is used to transmit prerecorded messages as
well as the call progress tones: dial tone, ring-back tone, busy tone, and reorder tone.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com