Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDB49 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HDB49
Description  18-36VDC INPUT RANGE DC-DC PCB OPEN FRAME QUAD OUTPUT 50 WATTS INTERNAL SWITCHING POWER CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HDB49 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HDB49 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HDB49 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-82-
OUTPUT VOLTAGE/CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 480.0g (16.90 Oz.)
QUAD OUTPUT
MAIN +VO1 @
AUX. VO2●■
AUX. VO3 ●■
AUX. -VO4 ●■
MODEL NO.
Typ.
Volt.
Max.
Typ.
Volt.
Max.
Typ.
Volt.
Max.
Typ.
Volt.
Max.
HDB49-24B-Q056IIE
4.2A +5.6V 7.0A
1.4A
+12V
2.0A
0.6A
-12V
1.2A
0.6A
-5V
1.2A
HDB49-24B-Q033IIE
5.0A +3.3V 6.0A
1.4A
+12V
2.0A
0.6A
-12V
1.2A
0.6A
-5V
1.2A
Symbol: " " OVP built-in. "@" Adjustable. "■" Coupled common choke. "•" Installed with Post Regulator (PR).
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
DC INPUT
QUAD OUTPUT
ASSIGNMENT
+Vin
-Vin
Gnd.
VO1
VO2
VO3
VO4
DC COM
CNTR & PIN # P1-1~P1-4 P1-5~P1-8
GND
P2-1~P2-3
P2-8
P2-9
P2-10
P2-4~P2-7
Mating connector: Molex 5195 or 5239 series.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com