Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THMC50 Datasheet(PDF) 26 Page - Texas Instruments

Part # THMC50
Description  REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THMC50 Datasheet(HTML) 26 Page - Texas Instruments

Back Button THMC50 Datasheet HTML 22Page - Texas Instruments THMC50 Datasheet HTML 23Page - Texas Instruments THMC50 Datasheet HTML 24Page - Texas Instruments THMC50 Datasheet HTML 25Page - Texas Instruments THMC50 Datasheet HTML 26Page - Texas Instruments THMC50 Datasheet HTML 27Page - Texas Instruments THMC50 Datasheet HTML 28Page - Texas Instruments THMC50 Datasheet HTML 29Page - Texas Instruments THMC50 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
THMC50
REMOTE/LOCAL TEMPERATURE MONITOR AND
FAN CONTROLLER WITH SMBus INTERFACE
SLIS090 – JULY 1999
26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
register 0x4C interrupt status register 1 mirror
power-on default <7:0> = 00h
BIT
NAME
READ/WRITE
DESCRIPTION
0
Ambient temperature error
Read only
A 1 indicates one of the ambient temperature limits has been exceeded.
1
Reserved
Read only
Undefined (reserved for remote thermal diode 2 temperature error)
2
Reserved
Read only
Undefined (reserved for remote thermal diode 2 fault)
3
Reserved
Read only
Undefined
4
GPI input
Read only
A 1 indicates that the GPI terminal is asserted. The polarity of the GPI terminal is
determined by GPI invert (bit 6) in the configuration register. For example, if GPI invert is
cleared, then this bit is 1 when the GPI terminal is high (1); this bit is 0 when the GPI
terminal is low (0). If GPI invert is set, then this bit is 1 when the GPI terminal is low (0); this
bit is 0 when the GPI terminal is high (1). Note: The state of GPI is not latched; this bit
simply reflects the state or inverted state of the GPI terminal. If this bit is 1, reading this
register does not clear it to 0.
5
Remote temperature error
Read only
A 1 indicates one of the remote thermal diode limits has been exceeded.
6
THERM input
Read only
A 1 indicates that the thermal overload (THERM) line has been asserted externally.
7
Remote diode fault
Read only
A 1 indicates either a short or open circuited fault on the remote thermal diode inputs.
register 0x13 - 0x4A value RAM
power-on default are undefined unless stated otherwise
ADDRESS
READ/WRITE
DESCRIPTION
0x13
Read/write
Programmable ambient temperature automatic trip point
≥ default 70°C. This register can only be written if the
write-once bit in the configuration register (0x40, bit 3) has not been set.
0x14
Read/write
Programmable remote thermal diode automatic trip point
≥ default 100°C. This register can only be written if the
write-once bit in the configuration register (0x40, bit 3) has not been set.
0x15
Read/write
Manufacturer’s test register
0x17
Read only
Default ambient temperature automatic trip point
≥ 70° C
0x18
Read only
Default remote thermal diode automatic trip point
≥ 100°C
0x19
Read/write
Analog output (defaults to 0x00)
0x20
N/A
Reserved (for future second remote thermal diode temperature)
0x26
Read only
Remote thermal diode temperature
0x27
Read only
Ambient temperature
0x2B
N/A
Reserved (for future second remote thermal diode high limit)
0x2C
N/A
Reserved (for future second remote thermal diode low limit)
0x37
Read/write
Remote thermal diode high limit
0x38
Read/write
Remote thermal diode low limit
0x39
Read/write
Ambient temperature high limit
0x3A
Read/write
Ambient temperature low limit
0x3E
Read only
Company ID number (0x49)
0x3F
Read only
Stepping ID number and THMC50 version number
0x44
Read/write
For manufacturer’s test use (reads or writes have unpredictable results)
0x47
Read/write
For manufacturer’s test use (reads or writes have unpredictable results)
0x4A
Read/write
For manufacturer’s test use (reads or writes have unpredictable results)
NOTE: All unspecified locations are considered as reserved and should not be accessed. Unpredictable results may occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com