Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS10064IDA Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS10064IDA
Description  10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS10064IDA Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS10064IDA Datasheet HTML 2Page - Texas Instruments THS10064IDA Datasheet HTML 3Page - Texas Instruments THS10064IDA Datasheet HTML 4Page - Texas Instruments THS10064IDA Datasheet HTML 5Page - Texas Instruments THS10064IDA Datasheet HTML 6Page - Texas Instruments THS10064IDA Datasheet HTML 7Page - Texas Instruments THS10064IDA Datasheet HTML 8Page - Texas Instruments THS10064IDA Datasheet HTML 9Page - Texas Instruments THS10064IDA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
THS10064
10-BIT 6 MSPS, SIMULTANEOUS SAMPLING
ANALOG-TO-DIGITAL CONVERTER
SLAS255 – DECEMBER 1999
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions, AVDD = 5 V,
DVDD = BVDD = 3.3 V, fs = 6 MSPS, VREF = internal (unless otherwise noted) (continued)
dc specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
10
Bits
Accuracy
Integral nonlinearity, INL
±1
LSB
Differential nonlinearity, DNL
±1
LSB
Offset error
After calibration in single-ended mode
–15
15
mV
Offset error
After calibration in differential mode
–5
5
mV
Gain error
1%
FSR
Analog input
Input capacitance
15
pF
Input leakage current
VAIN = VREFM to VREFP
±10
µA
Internal voltage reference
Accuracy, VREFP
3.33
3.5
3.67
V
Accuracy, VREFM
1.42
1.5
1.58
V
Temperature coefficient
50
PPM/
°C
Reference noise
100
µV
Accuracy, REFOUT
2.475
2.5
2.525
V
Power supply
IDDA
Analog supply current
AVDD =5 V, BVDD = DVDD = 3.3 V
36
40
mA
IDDD
Digital supply voltage
AVDD = 5 V, BVDD = DVDD = 3.3 V
0.5
1
mA
IDDB
Buffer supply voltage
AVDD = 5 V, BVDD = DVDD = 3.3 V
1.5
4
mA
IDD_P
Supply current in power-down mode
AVDD = 5 V, BVDD = DVDD = 3.3 V
7
mA
Power dissipation
AVDD = 5 V, DVDD = BVDD = 3.3 V
186
216
mW
Power dissipation in power down
AVDD = 5 V, DVDD = BVDD = 3.3 V
30
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com