Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1060C Datasheet(PDF) 2 Page - Texas Instruments

Part # THS1060C
Description  10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1060C Datasheet(HTML) 2 Page - Texas Instruments

  THS1060C Datasheet HTML 1Page - Texas Instruments THS1060C Datasheet HTML 2Page - Texas Instruments THS1060C Datasheet HTML 3Page - Texas Instruments THS1060C Datasheet HTML 4Page - Texas Instruments THS1060C Datasheet HTML 5Page - Texas Instruments THS1060C Datasheet HTML 6Page - Texas Instruments THS1060C Datasheet HTML 7Page - Texas Instruments THS1060C Datasheet HTML 8Page - Texas Instruments THS1060C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
THS1060
10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS
ANALOG-TO-DIGITAL CONVERTER
SLAS212 – MARCH 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
14 15
NC
NC
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
36
35
34
33
32
31
30
29
28
27
26
25
16
1
2
3
4
5
6
7
8
9
10
11
12
AVSS
AVDD
VIN+
VIN–
AVDD
VREFOUT–
VREFIN–
VREFIN+
VREFOUT+
VBG
AVSS
AVDD
17 18 19 20
47 46 45 44 43
48
42
40 39 38
41
21 22 23 24
37
13
48 PHP PACKAGE
(TOP VIEW)
AVAILABLE OPTIONS
PACKAGE
TA
48-TQFP
(PHP)
–40
°C to 85°C
THS1060I
0
°C to 70°C
THS1060C
functional block diagram
Digital Error Correction
S/H
Stage 1
Stage 10
Reference
3.0 V
2.0 V
AVDD/2
Timing
VIN–
VREFOUT+
VCM
CLK+
DVSS
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
AVDD DVDD
D/A
Σ
A/D
Σ
D/A
A/D
A/D
VREFOUT–
VREFIN+
VREFIN–
CLK–
1
1
1
Buffer
DRVDD
AVSS
DRVSS
Stages 2 – 9
VIN+
900
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com