Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM320AC37IPT Datasheet(PDF) 17 Page - Texas Instruments

Part # TCM320AC37IPT
Description  VOICE-BAND AUDIO PROCESSORS VBAPE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCM320AC37IPT Datasheet(HTML) 17 Page - Texas Instruments

Back Button TCM320AC37IPT Datasheet HTML 13Page - Texas Instruments TCM320AC37IPT Datasheet HTML 14Page - Texas Instruments TCM320AC37IPT Datasheet HTML 15Page - Texas Instruments TCM320AC37IPT Datasheet HTML 16Page - Texas Instruments TCM320AC37IPT Datasheet HTML 17Page - Texas Instruments TCM320AC37IPT Datasheet HTML 18Page - Texas Instruments TCM320AC37IPT Datasheet HTML 19Page - Texas Instruments TCM320AC37IPT Datasheet HTML 20Page - Texas Instruments TCM320AC37IPT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
TCM320AC36, TCM320AC37
VOICE-BAND AUDIO PROCESSORS (VBAP
™)
SLWS003C – MAY 1992 – REVISED APRIL – 1998
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
_
+
_
+
IN
VMID
4
2
3
EARGS
EARA
EARB
+
–
NOTE A: Terminal numbers shown are for the DW and N packages.
Figure 6. Earphone Audio-Output Amplifier Configuration and Internal Gain-Setting Network
receive data format
In the companded mode, eight bits of data are received. The sign bit is the first bit received (see Table 2).
In the linear mode, 16 bits of data are received. The first 13 bits are the D/A code, and the remaining three bits
form the volume control word (see Table 2). The volume control function is actually an attenuation control in
which the first bit received is the most significant. The maximum volume occurs when all three volume control
bits are zero. Eight levels of attenuation are selectable in 3-dB steps, giving a maximum attenuation of 21 dB
when all bits are 1s. The volume control bits are not latched into the VBAP and must be present in each received
data word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com